Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC7121 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 13Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 14Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 15Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 16Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 17Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 18Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 19Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
16
3.8.2
PLL Filter Characteristics
The oscillator provides the reference clock for the PLL as shown in Figure 3. The voltage controlled
oscillator (VCO) of the PLL is also the system clock source in self clock mode. In order to operate reliably,
care must be taken to select proper values for external loop filter components.
Figure 3. Basic PLL Functional Diagram
The procedure described below can be used to calculate the resistance and capacitance values using typical
values for K1, f1 and ich from Table 20. First, the VCO Gain at the desired VCO output frequency is
approximated by:
Eqn. 8
The phase detector relationship is given by:
Eqn. 9
ich is the current in tracking mode. The loop bandwidth fC should be chosen to fulfill the Gardner’s stability
criteria by at least a factor of 10, a typical value for the stability factor is 50.
ζ = 0.9 ensures a good transient
response.
Eqn. 10
And finally the frequency relationship is defined as:
Eqn. 11
With the above inputs the resistance can be calculated as:
Eqn. 12
The capacitance CS can now be calculated as:
Eqn. 13
Phase
Detector
1
REFDV+1
K
φ
fREF
VDDPLL
R
CP
CS
KV
Loop Divider
1
SYNR+1
fVCO
fOSC
1
2
fCMP
VCO
Δ
K
V
K
1
e
f1 fVCO
–
()
K
1
1V
⋅
--------------------------
⋅
=
KΦ
i
ch
–
K
V
⋅
=
fC
2
ζ f
REF
⋅⋅
πζ
1
ζ
2
+
+
()
⋅
----------------------------------------
1
10
------
fC
fREF
410
⋅
--------------
ζ
0.9
=
()
;
<
→
<
n
fVCO
fREF
----------
2
SYNR
1
+
()
⋅
==
R
2
π n f
C
⋅⋅⋅
KΦ
----------------------------
=
C
S
2
ζ
2
⋅
π f
C
R
⋅⋅
---------------------
0.516
fC R
⋅
-------------
ζ
0.9
=
()
;
≈
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com