Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC18F23K22
Description  Silicon Errata and Data Sheet Clarification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 2 Page - Microchip Technology

  PIC18F23K22 Datasheet HTML 1Page - Microchip Technology PIC18F23K22 Datasheet HTML 2Page - Microchip Technology PIC18F23K22 Datasheet HTML 3Page - Microchip Technology PIC18F23K22 Datasheet HTML 4Page - Microchip Technology PIC18F23K22 Datasheet HTML 5Page - Microchip Technology PIC18F23K22 Datasheet HTML 6Page - Microchip Technology PIC18F23K22 Datasheet HTML 7Page - Microchip Technology PIC18F23K22 Datasheet HTML 8Page - Microchip Technology PIC18F23K22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIC18(L)F23/24/43/44K22
DS80512D-page 2
 2010-2011 Microchip Technology Inc.
TABLE 2:
SILICON ISSUE SUMMARY
Module
Feature
Item
Number
Issue Summary
Affected
Revisions(1)
A1
A2
Comparators
CxSYNC Control
1.
The comparator output to the device pin
(Cx) always bypasses the Timer1
synchronization latch.
X
Clock Switching
Fail-Safe Clock Monitor
2.
When the FCMEN Configuration bit is set
and the IESO Configuration bit is not set,
then a clock failure during Sleep will not
be detected.
XX
Power-on Reset
(POR)
Power-on Reset
3.1
Transient current spikes on some parts
during power-up may cause the part to
become stuck in Reset.
X
Power-on Reset
(POR)
Power-on Reset
3.2
Min VDD for PIC18F2X/4XK22 parts is
limited to 2.3V.
Min VDD for PIC18LF2X/4XK22 parts is
1.8V.
XX
Timer1/3/5 Gate
Timer1/3/5 Gate
4.
The Timer1/3/5 gate times cannot be
resolved to the two Least Significant bits,
when using FOSC as the Timer1/3/5
source.
XX
EUSART
EUSART Asynchronous
Operation
5.
The EUSART asynchronous operation
may miss the Start bit edge.
X
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com