| Electronic Components Datasheet Search |
|
PIC18F23K22 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 10 page ![]() 2010-2011 Microchip Technology Inc. DS80512D-page 7 PIC18(L)F23/24/43/44K22 RB6/KBI2/PGC RB6 01 O DIG LATB<6> data output; not affected by analog input. 10 I TTL PORTB<6> data input; disabled when analog input enabled. IOC2 10 I TTL Interrupt-on-change pin. TX2(3) 01 O DIG EUSART 2 asynchronous transmit data output. CK2(3) 01 O DIG EUSART 2 synchronous serial clock output. 10 I ST EUSART 2 synchronous serial clock input. PGC xx I ST In-Circuit Debugger and ICSPTM programming clock input. RB7/KBI3/PGD RB7 01 O DIG LATB<7> data output; not affected by analog input. 10 I TTL PORTB<7> data input; disabled when analog input enabled. IOC3 10 I TTL Interrupt-on-change pin. RX2(2), (3) 10 I ST EUSART 2 asynchronous receive data input. DT2(2), (3) 01 O DIG EUSART 2 synchronous serial data output. 10 I ST EUSART 2 synchronous serial data input. PGD xx O DIG In-Circuit Debugger and ICSPTM programming data output. xx I ST In-Circuit Debugger and ICSPTM programming data input. TABLE 10-5: PORTB I/O SUMMARY (CONTINUED) Pin Function TRIS Setting ANSEL Setting Pin Type Buffer Type Description Legend: AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C. Note 1: Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. 2: Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are clear. 3: Function on PORTD and PORTE for PIC18(L)F4XK22 devices. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |