Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F23K22
Description  Silicon Errata and Data Sheet Clarification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F23K22 Datasheet HTML 1Page - Microchip Technology PIC18F23K22 Datasheet HTML 2Page - Microchip Technology PIC18F23K22 Datasheet HTML 3Page - Microchip Technology PIC18F23K22 Datasheet HTML 4Page - Microchip Technology PIC18F23K22 Datasheet HTML 5Page - Microchip Technology PIC18F23K22 Datasheet HTML 6Page - Microchip Technology PIC18F23K22 Datasheet HTML 7Page - Microchip Technology PIC18F23K22 Datasheet HTML 8Page - Microchip Technology PIC18F23K22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PIC18(L)F23/24/43/44K22
DS80512D-page 4
 2010-2011 Microchip Technology Inc.
5. Module: EUSART
The EUSART asynchronous operation has a
probability of 1 in 256 of missing the Start bit edge
for all combinations of BRGH and BRG16 values,
other than BRGH = 1 and BRG16 = 1.
Work around
Set BRGH = 1, and BRG16 = 1 and use this
baud rate formula:
Affected Silicon Revisions
A1
A2
X
Baud_Rate
Fosc/4 SPBRGH:SPBRGL
+1


=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com