Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44K22 Datasheet(PDF) 3 Page - Microchip Technology

Part # 44K22
Description  Silicon Errata and Data Sheet Clarification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

44K22 Datasheet(HTML) 3 Page - Microchip Technology

  44K22 Datasheet HTML 1Page - Microchip Technology 44K22 Datasheet HTML 2Page - Microchip Technology 44K22 Datasheet HTML 3Page - Microchip Technology 44K22 Datasheet HTML 4Page - Microchip Technology 44K22 Datasheet HTML 5Page - Microchip Technology 44K22 Datasheet HTML 6Page - Microchip Technology 44K22 Datasheet HTML 7Page - Microchip Technology 44K22 Datasheet HTML 8Page - Microchip Technology 44K22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2010-2011 Microchip Technology Inc.
DS80512D-page 3
PIC18(L)F23/24/43/44K22
Silicon Errata Issues
1. Module: Comparators
The CxSYNC controls are inoperative. The
comparator output (Cx) always bypasses the
Timer1 synchronization latch.
Work around
None.
Affected Silicon Revisions
2. Module: Clock Switching
When the FCMEN Configuration bit is set and the
IESO Configuration bit is not set, then a clock
failure during Sleep will not be detected.
Work around
The IESO Configuration bit must also be set when
the FCMEN Configuration bit is set.
Affected Silicon Revisions
3. Module: Power-on Reset (POR)
3.1
There may be transient current spikes on
some parts during power-up. If the applica-
tion cannot supply enough current to get past
these transients, then the part may become
stuck in Reset.
Work around
Ensure that the application is capable of supplying
at least 30 mA of transient current during power-
up.
Affected Silicon Revisions
3.2
Min VDD for PIC18F2X/4XK22 parts is
limited to 2.3V. Min VDD for PIC18LF2X/
4XK22 parts is 1.8V.
Work around
None.
Affected Silicon Revisions
4. Module: Timer1/3/5 Gate
The Timer gate times cannot be resolved to the
two Least Significant timer bits when the source
frequency is FOSC (TMRxCS[1:0]=01). This is
because the gate edges are synchronized with the
FOSC/4 clock.
Work around
None.
Affected Silicon Revisions
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated by the shaded column in
the following tables apply to the current
silicon revision (A2).
A1
A2
X
A1
A2
X
X
A1
A2
X
A1
A2
X
X
A1
A2
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com