| Electronic Components Datasheet Search |
|
44K22 Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
44K22 Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 10 page ![]() 2010-2011 Microchip Technology Inc. DS80512D-page 5 PIC18(L)F23/24/43/44K22 Data Sheet Clarifications The following typographic corrections and clarifications are to be noted for the latest version of the device data sheet (DS41412D). 1. Module: I/O Ports In Table 10-5, the Buffer Type column listed ST (Schmitt Trigger) for functions RB1-RB7, when the Pin Type was I (Input), should be TTL. The Table below reflects the correction. Note: Corrections are shown in bold. Where possible, the original bold text formatting has been removed for clarity. TABLE 10-5: PORTB I/O SUMMARY Pin Function TRIS Setting ANSEL Setting Pin Type Buffer Type Description RB0/INT0/CCP4/ FLT0/SRI/SS2/ AN12 RB0 01 O DIG LATB<0> data output; not affected by analog input. 10 I TTL PORTB<0> data input; disabled when analog input enabled. INT0 1 0 I ST External interrupt 0. CCP4(3) 01 O DIG Compare 4 output/PWM 4 output. 10 I ST Capture 4 input. FLT0 10 I ST PWM Fault input for ECCP auto-shutdown. SRI 10 I ST SR Latch input. SS2(3) 10 I TTL SPI slave select input (MSSP2). AN12 11 I AN Analog input 12. RB1/INT1/P1C/ SCK2/SCL2/ C12IN3-/AN10 RB1 01 O DIG LATB<1> data output; not affected by analog input. 10 I TTL PORTB<1> data input; disabled when analog input enabled. INT1 10 I ST External Interrupt 1. P1C(3) 01 O DIG Enhanced CCP1 PWM output 3. SCK2(3) 01 O DIG MSSP2 SPI Clock output. 10 I ST MSSP2 SPI Clock input. SCL2(3) 01 ODIG MSSP2 I2CTM Clock output. 10 II2C MSSP2 I2CTM Clock input. C12IN3- 11 I AN Comparators C1 and C2 inverting input. AN10 11 I AN Analog input 10. Legend: AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C. Note 1: Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. 2: Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are clear. 3: Function on PORTD and PORTE for PIC18(L)F4XK22 devices. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |