Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44K22 Datasheet(PDF) 1 Page - Microchip Technology

Part # 44K22
Description  Silicon Errata and Data Sheet Clarification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

44K22 Datasheet(HTML) 1 Page - Microchip Technology

  44K22 Datasheet HTML 1Page - Microchip Technology 44K22 Datasheet HTML 2Page - Microchip Technology 44K22 Datasheet HTML 3Page - Microchip Technology 44K22 Datasheet HTML 4Page - Microchip Technology 44K22 Datasheet HTML 5Page - Microchip Technology 44K22 Datasheet HTML 6Page - Microchip Technology 44K22 Datasheet HTML 7Page - Microchip Technology 44K22 Datasheet HTML 8Page - Microchip Technology 44K22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2010-2011 Microchip Technology Inc.
DS80512D-page 1
PIC18(L)F23/24/43/44K22
The PIC18(L)F23/24/43/44K22 family devices that you
have received conform functionally to the current Device
Data Sheet (DS41412D), except for the anomalies
described in this document.
The silicon issues discussed in the following pages are
for silicon revisions with the Device and Revision IDs
listed in Table 1. The silicon issues are summarized in
Table 2.
The errata described in this document will be addressed
in future revisions of the PIC18(L)F23/24/43/44K22
silicon.
Data Sheet clarifications and corrections start on page 5,
following the discussion of silicon issues.
The silicon revision level can be identified using the
current version of MPLAB® IDE and Microchip’s
programmers, debuggers, and emulation tools, which
are available at the Microchip corporate web site
(www.microchip.com).
For example, to identify the silicon revision level using
MPLAB IDE in conjunction with MPLAB ICD 2 or
PICkit™ 3:
1.
Using the appropriate interface, connect the
device to the MPLAB ICD 2 programmer/
debugger or PICkit™ 3.
2.
From the main menu in MPLAB IDE, select
Configure>Select Device, and then select the
target part number in the dialog box.
3.
Select
the
MPLAB
hardware
tool
(Debugger>Select Tool).
4.
Perform a “Connect” operation to the device
(Debugger>Connect).
Depending
on
the
development tool used, the part number and
Device Revision ID value appear in the Output
window.
The DEVREV values for the various PIC18(L)F23/24/
43/44K22 silicon revisions are shown in Table 1.
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated in the last column of
Table 2 apply to the current silicon
revision (A2).
Note:
If you are unable to extract the silicon
revision level, please contact your local
Microchip sales office for assistance.
TABLE 1:
SILICON DEVREV VALUES
Part Number
Device ID(1)
Revision ID for Silicon Revision(2)
A1
A2
PIC18F43K22
0101 0111 000x xxxx
0 0001
0 0010
PIC18LF43K22
0101 0111 001x xxxx
0 0001
0 0010
PIC18F23K22
0101 0111 010x xxxx
0 0001
0 0010
PIC18LF23K22
0101 0111 011x xxxx
0 0001
0 0010
PIC18F44K22
0101 0110 000x xxxx
0 0001
0 0010
PIC18LF44K22
0101 0110 001x xxxx
0 0001
0 0010
PIC18F24K22
0101 0110 010x xxxx
0 0001
0 0010
PIC18LF24K22
0101 0110 011x xxxx
0 0001
0 0010
Note 1:
The Device ID is located in the last configuration memory space.
2:
Refer to the “PIC18(L)F2XK22/4XK22 Flash Memory Programming Specification” (DS41398) for detailed
information on Device and Revision IDs for your specific device.
PIC18(L)F23/24/43/44K22 Rev. A2
Silicon Errata and Data Sheet Clarification


Similar Description - 44K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com