Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WBIDDFR Datasheet(PDF) 7 Page - Texas Instruments

Part # TL103WBIDDFR
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WBIDDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL103WBIDDFR Datasheet HTML 3Page - Texas Instruments TL103WBIDDFR Datasheet HTML 4Page - Texas Instruments TL103WBIDDFR Datasheet HTML 5Page - Texas Instruments TL103WBIDDFR Datasheet HTML 6Page - Texas Instruments TL103WBIDDFR Datasheet HTML 7Page - Texas Instruments TL103WBIDDFR Datasheet HTML 8Page - Texas Instruments TL103WBIDDFR Datasheet HTML 9Page - Texas Instruments TL103WBIDDFR Datasheet HTML 10Page - Texas Instruments TL103WBIDDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
5.6 Electrical Characteristics: OP AMP2 (Independent Amplifier) (continued)
VCC+ = 5V, VCC- = GND, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IO
Output current
VCC+ = 15V, VO = 2V, VID = 1V
Source
20
40
mA
Sink
TL103W/TL103WA
10
12
TL103WB
10
24
VCC+ = 15V, VO = 0.2V, VID = -1V
Sink
TL103W/TL103WA
12
50
μA
TL103WB
60
100
ISC
Short-circuit to GND
VCC+ = 15V
±40
±68
mA
VO
Voltage output swing from rail
VCC+ = 30V, RL = 2kΩ
Positive Rail (VCC+)
TL103W/TL103WA
26
27
V
Full range
26
TL103WB
27.4
28.3
Full range
27.4
VCC+ = 30V, RL = 10kΩ
Positive Rail (VCC+)
TL103W/TL103WA
27
28
Full range
27
TL103WB
27.6
28.6
Full range
27.6
RL = 10kΩ
Negative Rail (VCC-)
5
20
mV
Full range
20
SR
Slew rate at unity gain
VCC+ = 15V, CL = 100pF, RL = 2kΩ, VI = 0.5V to 2V, unity gain
TL103W/TL103WA
0.2
0.4
V/µs
TL103WB
0.2
0.5
GBW
Gain bandwidth product
VCC+ = 30V, VI = 10mV, CL = 100pF, RL = 2kΩ, f = 100kHz
TL103W/TL103WA
0.5(1)
0.9
MHz
VCC+ = 36V, VI = 10mV, CL = 100pF, RL = 2kΩ, f = 100kHz
TL103WB
0.7(1)
1.2
THD
Total harmonic distortion
VCC+ = 30V, VO = 2VPP, CL = 100pF, RL = 2kΩ, f = 1kHz, AV =
20dB
TL103W/TL103WA
0.02
%
VCC+ = 36V, VO = 2VPP, CL = 100pF, RL = 2kΩ, f = 1kHz, AV =
20dB
TL103WB
0.005
Vn
Equivalent input noise voltage
VCC+ = 30V, RS = 100 Ω, f = 1kHz
TL103W/TL103WA
50
nV/√Hz
VCC+ = 36V, RS = 100 Ω, f = 1kHz
TL103WB
38
ICC
Total supply current, excluding
cathode-current reference (both
amplifiers)
VCC+ = 5V, no load
TL103W/TL103WA
0.7
1.2
mA
VCC+ = 30V, no load
Full range
2
VCC+ = 5V, no load
TL103WB
0.55
0.77
VCC+ = 36V, no load
Full range
1.35
(1)
Not tested in production, limits set by characterization and simulation.
www.ti.com
TL103W, TL103WA, TL103WB
SLOS437R – APRIL 2004 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com