Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WBIDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TL103WBIDDFR
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WBIDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL103WBIDDFR Datasheet HTML 9Page - Texas Instruments TL103WBIDDFR Datasheet HTML 10Page - Texas Instruments TL103WBIDDFR Datasheet HTML 11Page - Texas Instruments TL103WBIDDFR Datasheet HTML 12Page - Texas Instruments TL103WBIDDFR Datasheet HTML 13Page - Texas Instruments TL103WBIDDFR Datasheet HTML 14Page - Texas Instruments TL103WBIDDFR Datasheet HTML 15Page - Texas Instruments TL103WBIDDFR Datasheet HTML 16Page - Texas Instruments TL103WBIDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
6.3.3 EMI Rejection
The TL103WB uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications (radio frequency interference - RFI) and densely-populated boards
with a mix of analog signal chain and digital components. EMI immunity can be improved with circuit design
techniques; the TL103WB benefits from these design improvements. Texas Instruments has developed the
ability to accurately measure and quantify the immunity of an operational amplifier over a broad frequency
spectrum extending from 10MHz to 6GHz. Figure 6-1 shows the results of this testing on the TL103WB.
Table 6-1 shows the EMIRR IN+ values for the TL103WB at particular frequencies commonly encountered in
real-world applications. The EMI Rejection Ratio of Operational Amplifiers application report contains detailed
information on the topic of EMIRR performance relating to op amps and is available for download from
www.ti.com.
Frequency (Hz)
30
40
50
60
70
80
90
1M
10M
100M
1G
Figure 6-1. EMIRR Testing
Table 6-1. TL103WB EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
62dB
900MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6GHz), GSM, aeronautical mobile, UHF applications
75dB
1.8GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2GHz)
70dB
2.4GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2GHz to 4GHz)
65dB
3.6GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88dB
5GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4GHz to 8GHz)
71dB
6.4 Device Functional Modes
This device has one mode of operation that applies when operated within the recommended operating
conditions.
www.ti.com
TL103W, TL103WA, TL103WB
SLOS437R – APRIL 2004 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com