Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WBIDDFR Datasheet(PDF) 1 Page - Texas Instruments

Part # TL103WBIDDFR
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WBIDDFR Datasheet(HTML) 1 Page - Texas Instruments

  TL103WBIDDFR Datasheet HTML 1Page - Texas Instruments TL103WBIDDFR Datasheet HTML 2Page - Texas Instruments TL103WBIDDFR Datasheet HTML 3Page - Texas Instruments TL103WBIDDFR Datasheet HTML 4Page - Texas Instruments TL103WBIDDFR Datasheet HTML 5Page - Texas Instruments TL103WBIDDFR Datasheet HTML 6Page - Texas Instruments TL103WBIDDFR Datasheet HTML 7Page - Texas Instruments TL103WBIDDFR Datasheet HTML 8Page - Texas Instruments TL103WBIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TL103Wx Dual Operational Amplifiers With Internal Reference
1 Features
• New TL103WB, a pin-compatible upgrade to the
TL103W and TL103WA
• Improved specifications of B version amplifiers:
– Supply range: 3V to 36V
– Low maximum input offset voltage: ±2mV
(25°C) and ±2.5mV (full temperature)
– Gain bandwidth: 1.2MHz
– Total supply current: 550μA
– EMI rejection: integrated RF and EMI filter
– Temperature range: –40°C to 125°C
• Improved specifications of B version reference:
– Fixed 2.5V reference
– Tight tolerance maximum of 0.44% (25°C) and
1.04% (full temperature)
– Wide sink-current range:
0.2mA (typical) to 100mA
2 Applications
• Battery chargers
• Switch-mode power supplies
• Linear voltage regulation
• Data-acquisition systems
• Precision constant current sink
3 Description
The TL103Wx devices combine the building blocks
of a dual operational amplifier and a fixed voltage
reference – both of which are often used in the control
circuitry of switch-mode and linear power supplies.
OP AMP1 has the noninverting input internally tied
to a fixed 2.5V reference, while OP AMP2 is
independent, with both inputs uncommitted.
The upgraded TL103WB features improvements
such as a wider supply range (up to 36V), lower
supply current (275μA/amp) and tighter voltage
regulation. This regulation can be achieved through
low offset voltages for both operational amplifiers
(0.3mV typical) and tight tolerances for the voltage
reference (0.44% at 25°C and 1.04% over operating
temperature range).
The TL103WB has a widened temperature range of
–40°C to 125°C.
Package Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
PACKAGE SIZE(2)
TL103W
TL103WA
Dual + Reference
D (SOIC, 8)
4.9mm × 6mm
TL103WB
D (SOIC, 8)
4.9mm × 6mm
DDF (SOT-23, 8)
2.9mm × 2.8mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SMPS
_
+
OP AMP2
_
+
OP AMP1
TL103WB
Current
Sense
AC
Line
Opto
Emulator
Battery
R6
R3
R4
R5
R8
R2
R1
R7
R9
Constant Voltage Control
Constant Current Control
2.5 V
VREF
Typical Application Circuit
TL103W, TL103WA, TL103WB
SLOS437R – APRIL 2004 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL103WBIDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103WBIDR TI1-TL103WBIDR Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103WBIDR TI1-TL103WBIDR Datasheet
1Mb / 32P
TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
More results

Similar Description - TL103WBIDDFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com