Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCNAC-FPX Datasheet(PDF) 4 Page - Neutrik AG

Part # SCNAC-FPX
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCNAC-FPX Datasheet(HTML) 4 Page - Neutrik AG

  SCNAC-FPX Datasheet HTML 1Page - Neutrik AG SCNAC-FPX Datasheet HTML 2Page - Neutrik AG SCNAC-FPX Datasheet HTML 3Page - Neutrik AG SCNAC-FPX Datasheet HTML 4Page - Neutrik AG SCNAC-FPX Datasheet HTML 5Page - Neutrik AG SCNAC-FPX Datasheet HTML 6Page - Neutrik AG SCNAC-FPX Datasheet HTML 7Page - Neutrik AG SCNAC-FPX Datasheet HTML 8Page - Neutrik AG SCNAC-FPX Datasheet HTML 9Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
setting standards
4
powerCON TRUE1 TOP - 20190320 - N.Battlogg
47.2 [1.86“]
Ø 28.4 [1.118“]
28.0 [1.102“]
Ø 23.6 [.923“]
Ø
2.7
[0.106“]
77-80 [2.996-3.150“]
26.0 [1.024“]
38.2 [1.504“]
35.4 [1.394“]
61.0 [2.402“]
43.0 [1.693“]
Ø 3.4 [.134“]
77-80 [2.996-3.150“]
4.5 [.177“]
2.5 [.098“]
Ø 3.4 [.134“]
Ø 3.4 [.134“]
4.5 [.177“]
5.7 [.224“]
powerCON TRUE1 TOP - 20190320 - N.Battlogg
47.2 [1.86“]
Ø 28.4 [1.118“]
28.0 [1.102“]
Ø 23.6 [.923“]
Ø
2.7
[0.106“]
77-80 [2.996-3.150“]
26.0 [1.024“]
38.2 [1.504“]
35.4 [1.394“]
61.0 [2.402“]
43.0 [1.693“]
Ø 3.4 [.134“]
77-80 [2.996-3.150“]
4.5 [.177“]
2.5 [.098“]
Ø 3.4 [.134“]
Ø 3.4 [.134“]
4.5 [.177“]
5.7 [.224“]
powerCON TRUE1 TOP - 20190320 - N.Battlogg
47.2 [1.86“]
Ø 28.4 [1.118“]
28.0 [1.102“]
Ø 23.6 [.923“]
Ø
2.7
[0.106“]
77-80 [2.996-3.150“]
26.0 [1.024“]
38.2 [1.504“]
35.4 [1.394“]
61.0 [2.402“]
43.0 [1.693“]
Ø 3.4 [.134“]
77-80 [2.996-3.150“]
4.5 [.177“]
2.5 [.098“]
Ø 3.4 [.134“]
Ø 3.4 [.134“]
4.5 [.177“]
5.7 [.224“]
powerCON TRUE1 TOP - 20190320 - N.Battlogg
47.2 [1.86“]
Ø 28.4 [1.118“]
28.0 [1.102“]
Ø 23.6 [.923“]
Ø
2.7
[0.106“]
77-80 [2.996-3.150“]
26.0 [1.024“]
38.2 [1.504“]
35.4 [1.394“]
61.0 [2.402“]
43.0 [1.693“]
Ø 3.4 [.134“]
77-80 [2.996-3.150“]
4.5 [.177“]
2.5 [.098“]
Ø 3.4 [.134“]
Ø 3.4 [.134“]
4.5 [.177“]
5.7 [.224“]
powerCON TRUE1 TOP - 20190320 - N.Battlogg
47.2 [1.86“]
Ø 28.4 [1.118“]
28.0 [1.102“]
Ø 23.6 [.923“]
Ø
2.7
[0.106“]
77-80 [2.996-3.150“]
26.0 [1.024“]
38.2 [1.504“]
35.4 [1.394“]
61.0 [2.402“]
43.0 [1.693“]
Ø 3.4 [.134“]
77-80 [2.996-3.150“]
4.5 [.177“]
2.5 [.098“]
Ø 3.4 [.134“]
Ø 3.4 [.134“]
4.5 [.177“]
5.7 [.224“]
ENEC certified
NAC3FX-W-TOP
NAC3MX-W-TOP
NAC3MPX-TOP
with SCNAC-MPX
NAC3FPX-TOP
with SCNAC-FPX
NAC3PX-TOP
with SCNAC-PX
NEW
NAC3FX-W-TOP
NAC3MPXTOP
NAC3PXTOP
NAC3MX-W-TOP
NAC3FPXTOP
powerCON
TRUE1
TOP
powerCON
TRUE1
TOP
power CON ® TRUE1 TOP – Lockable 16 A single phase connector
• True mains connector with breaking capacity (CBC)
• Designed to be engaged and disengaged in normal use when live
or under load
• Lockable 16 A (acc. ENEC, VDE) / 20 A (acc. UL) connector
• Complete system with inlet and outlet connectors
• Outdoor protection acc. IP 65 and UL50E enclosure type 4
• Uses high impact, UV resistant materials per UL
• Certified according IEC 60320-1 and UL 498
New Ergonomic
quick lock
Bushing with securing
key and sealing
Rugged sealing cover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com