Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCNAC-FPX Datasheet(PDF) 8 Page - Neutrik AG

Part # SCNAC-FPX
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCNAC-FPX Datasheet(HTML) 8 Page - Neutrik AG

Back Button SCNAC-FPX Datasheet HTML 4Page - Neutrik AG SCNAC-FPX Datasheet HTML 5Page - Neutrik AG SCNAC-FPX Datasheet HTML 6Page - Neutrik AG SCNAC-FPX Datasheet HTML 7Page - Neutrik AG SCNAC-FPX Datasheet HTML 8Page - Neutrik AG SCNAC-FPX Datasheet HTML 9Page - Neutrik AG SCNAC-FPX Datasheet HTML 10Page - Neutrik AG SCNAC-FPX Datasheet HTML 11Page - Neutrik AG SCNAC-FPX Datasheet HTML 12Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
setting standards
8
NAC3FCA
NAC3MPA-1
NAC3FCB
NAC3MPB-1
NAC3FCA(B)
NAC3MPA(B)-1
NAC3MM-1
76.5-80.0 [3.012-3.150“]
NAC3MM-1
powerCON
powerCON
powerCON
powerCON – Locking 3 Pole Power Connectors
• Lockable 3 pole single phase equipment (AC) connector
• High current capacity, rated at 20 A / 250 V ac
• Colour coded for easy identification, powerCON offers power-in
(blue) and power-out (grey) versions with different keying to
avoid the possibility of intermating
• Fast and easy locking system
• Extremely robust and reliable
• Excellent cable retention
• UL, cUL recognized components (file no. E 135070)
VDE certified (Reg. No. 6360),
• New latch design for easier handling and secure locking
• Coupler for linking cables (couples NAC3FCA to NAC3FCB)
Quick lock
Neutrik bushing
3/16" flat tabs
Locking area on
chassis connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com