Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCNAC-FPX Datasheet(PDF) 21 Page - Neutrik AG

Part # SCNAC-FPX
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCNAC-FPX Datasheet(HTML) 21 Page - Neutrik AG

Back Button SCNAC-FPX Datasheet HTML 16Page - Neutrik AG SCNAC-FPX Datasheet HTML 17Page - Neutrik AG SCNAC-FPX Datasheet HTML 18Page - Neutrik AG SCNAC-FPX Datasheet HTML 19Page - Neutrik AG SCNAC-FPX Datasheet HTML 20Page - Neutrik AG SCNAC-FPX Datasheet HTML 21Page - Neutrik AG SCNAC-FPX Datasheet HTML 22Page - Neutrik AG SCNAC-FPX Datasheet HTML 23Page - Neutrik AG SCNAC-FPX Datasheet HTML 24Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.neutrik.com
21
ELEMENTS
Ag
Silver
Al
Aluminium
Au
Gold
Co
Cobalt
Cr
Chromium
Cu
Copper
Ni
Nickel
P
Phosphorus
Pb
Lead
Pd
Palladium
Sn
Tin
Zn
Zinc
SS
Stainless Steel
ALLOYS, PLASTICS, POLYMERS
Brass (Alloy)
CuZn39Pb3
Bronze (Alloy) CuSn6
Ck 67
Carbon Steel
EPDM
Ethylene Propylene
GR
Glass Reinforced
PA
Polyamide
PBTP
Polybutylene Terephthalate
POM
Polyacetal
PTFE
PolyTetraFluoroEthylene (TEFLON)
PUR
Polyurethane
MEASUREMENT LEGEND
N
Newton
Ω
Ohm
µ
Micro
OD
Outside Diameter
m
Meter(s)
k
Kilo
ENGLISH TO METRIC CONVERSIONS
1/8 inch
3.175
millimeters (mm)
1/4 inch
6.35
millimeters (mm)
1 inch
25.4
millimeters (mm)
2.54 cm 1 inch
1 foot
30.48
centimeters (cm)
0.305
meter (m)
6 foot
1.828
meters (m)
50 foot
15.24
meters (m)
100 foot
30.48
meters (m)
1000 foot
304.8
meters (m)
METRIC TO ENGLISH CONVERSIONS
1 centimeter
0.3937 inches
1 meter
39.37
inches
3.281 meter
10
feet
10 meters
32.808 feet
50 meters
164.041 feet
100 meters
328.084 feet
OTHER ABBREVIATIONS
UL®
Underwriters Laboratories
IP Rating
Ingress Protection rating for objects and
water ACC IEC529/EN60529
IEC
International Electrotechnical Commission
is the international standards and
conformity assessment body for all fields
of electrotechnology
UL Recognized Component Mark
ENEC – European norms electrical
certification, demonstrates compliance
with European safety standards.
VDE Association for Electrical, Electronic
and Information Technologies e.V.
AWG
American Wire Gauge
NEUTRIK, crystalCON®, etherCON®, maxCON®, miniCON®, nanoCON®, neutriCON®, opticalCON®, powerCON®, Profi®,
rearTWIST®, silentPLUG®, speakON®, TOP®, DiWA®, XIRIUM®, are registered trademarks of Neutrik AG.
Definitions, Abbr eviations & Useful Information
Definitions, Abbr eviations & Useful Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com