Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR4102 Datasheet(PDF) 20 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 20 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 16Page - LSI Computer Systems LR4102 Datasheet HTML 17Page - LSI Computer Systems LR4102 Datasheet HTML 18Page - LSI Computer Systems LR4102 Datasheet HTML 19Page - LSI Computer Systems LR4102 Datasheet HTML 20Page - LSI Computer Systems LR4102 Datasheet HTML 21Page - LSI Computer Systems LR4102 Datasheet HTML 22Page - LSI Computer Systems LR4102 Datasheet HTML 23Page - LSI Computer Systems LR4102 Datasheet HTML 24Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
TinyRISC LR4102 Microprocessor
Table 8
AC Input Timing with respect to rising edge of PBCLKP1
1. With 65 pF load
2. This signal is related to the system clock, but not to the FAPI bus (see
Figure 5 note).
3. This signal is related to both the system clock and the FAPI bus (see
Figure 5 note).
Input Signal
Setup
Hold
Units
CBEN[3:0]
7.2
1.4
ns
DEVSELN
4.7
2.2
ns
FADP[31:0]3
2.9
2.7
ns
FRAMEN
7.4
2.2
ns
GP[5:0]2
2.8
2.6
ns
GPIO[3:0]2
1.8
2.8
ns
IRDYN
7.5
1.9
ns
REQN
3.5
1.5
ns
STOPN
4.7
1.7
ns
TRDYN
4.6
2.0
ns
Table 9
AC Input Timing with respect to rising edge of SDCLKP1
1. With 65 pF load.
Input Signal
Setup
Hold
Units
FADP[31:0]
2.0
3.4
ns
Table 10
AC Input Timing with respect to rising edge of TCK
Input
Setup
Hold
Units
TDI_DINT
1.9
1.1
ns
TMS
1.6
0.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com