Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR4102 Datasheet(PDF) 24 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 24 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 20Page - LSI Computer Systems LR4102 Datasheet HTML 21Page - LSI Computer Systems LR4102 Datasheet HTML 22Page - LSI Computer Systems LR4102 Datasheet HTML 23Page - LSI Computer Systems LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems LR4102 Datasheet HTML 27Page - LSI Computer Systems LR4102 Datasheet HTML 28Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
TinyRISC LR4102 Microprocessor
Table 16
Recommended Operating Conditions
Symbol
Parameter
Limits
Unit
VDD/DD2
DC Supply Voltage1
at VDD/VDD2 nominal 1.8 V
at VDD/VDD2 nominal 2.5 V
1. Referenced to VSS.
1.71 to 1.89
2.38 to 2.63
V
V
TA
Ambient Temperature
0 to 70
˚C
Table 17
Capacitance
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Capacitance
4.6
–
5.2
pF
COUT
Output Capacitance
4.6
–
5.2
pF
Table 18
DC Characteristics
Symbol
Parameter
Condition1
1. Specified at VDD4 equals 3.3 V ± 5% at ambient temperature over the specified range.
Min
Typ
Max
Units
VDD4
Supply Voltage, I/O
–
3.0
3.3
3.6
V
VIL
Voltage Input Low
–
−0.5
–
0.8
V
VIH
Voltage Input High
–
2.0
–
VDD4
+ 0.3
V
IIL
Current Input Leakage
Inputs with no Pull-up/-down Resistor
Inputs with Pull-down Resistor
Inputs with Pull-up Resistor
VIN =VSS/VDD4
VIN =VDD4
VIN =VSS
−10
35
−35
±1
115
−115
10
222
−214
µA
µA
µA
VOL
Voltage Output Low
–
–
0.2
0.4
V
VOH
Voltage Output High
–
2.4
–
VDD4
V
IDD
Quiescent Supply Current
–
<1
20
100
µA
ICC
Dynamic Supply Current
–
–
170
–
mA
IOZ
Z-state Output Leakage Current
VOH =VSS/VDD4
−10
±110
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com