Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR4102 Datasheet(PDF) 15 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 15 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 11Page - LSI Computer Systems LR4102 Datasheet HTML 12Page - LSI Computer Systems LR4102 Datasheet HTML 13Page - LSI Computer Systems LR4102 Datasheet HTML 14Page - LSI Computer Systems LR4102 Datasheet HTML 15Page - LSI Computer Systems LR4102 Datasheet HTML 16Page - LSI Computer Systems LR4102 Datasheet HTML 17Page - LSI Computer Systems LR4102 Datasheet HTML 18Page - LSI Computer Systems LR4102 Datasheet HTML 19Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TinyRISC LR4102 Microprocessor
15
FBus Interface
CBEN[3:0]
Command/byte enable
Bidirectional
DEVSELN
Device select
Bidirectional
FADDRP[28:0]
Demultiplexed address bus
Output
FADP[31:0]
Multiplexed address/Data bus
Bidirectional
FALEP
Address latch enable
Output
FRAMEN
Cycle frame indicating a bus transaction is
beginning
Bidirectional
GNTN
Grant the FBus
Output
GP[5:0]
General-purpose pins
Bidirectional
GPIO[3:0]
General-purpose I/O pins
Bidirectional
GPRDN
General-purpose read enable
Output
GPWEN[3:0]
General-purpose write byte enable
Output
IRDYN
Initiator ready
Bidirectional
REQN
Request FBus
Input
SD_CASN0_DMP0
DRAM CAS0 or SDRAM data mask 0
Output
SD_CASN1_DMP1
DRAM CAS1 or SDRAM data mask 1
Output
SD_CASN2_DMP2
DRAM CAS2 or SDRAM data mask 2
Output
SD_CASN3_DMP3
DRAM CAS3 or SDRAM data mask 3
Output
SD_OEN_CASN
DRAM output enable or SDRAM CAS
Output
SDONEP
Snooping done
Output
SD_RASN
SDRAM RAS
Output
SD_RASN0_CSN0
DRAM RAS bank 0 or SDRAM CAS0
Output
SD_RASN1_CSN1
DRAM RAS bank 1 or SDRAM CAS1
Output
SD_WEN_WEN
DRAM write enable or SDRAM write enable Output
STOPN
Stop transaction
Bidirectional
Table 5
LR4102 Signal List (Cont.)
Signal Group
Mnemonic Name
Functional Description
I/O
(Sheet 3 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com