Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5441 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5441 Datasheet HTML 3Page - Analog Devices AD5441 Datasheet HTML 4Page - Analog Devices AD5441 Datasheet HTML 5Page - Analog Devices AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices AD5441 Datasheet HTML 10Page - Analog Devices AD5441 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
AD5441
Rev. PrA | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL UNADJUSTED ERROR (LSB)
15
20
0
1.0
–1.0
10
30
–0.5
0
0.5
SS = 200 UNITS
TA = 25°C
VDD = 5V
VREF = 10V
25
5
35
Figure 6. Total Unadjusted Error Histogram
FULL SCALE TEMPCO (ppm/°C)
30
20
0
0
10
40
50
2
1
SS = 200 UNITS
TA = –40°C TO +85°C
VDD = 5V
VREF = 10V
Figure 7. Full-Scale Output Temperature Coefficient Histogram
LOGIC INPUT VOLTAGE (V)
0.1
0
0
0.2
0.5
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.3
0.4
TA = 25°C
VDD = 5V
Figure 8. Supply Current IDD vs. Logic Input Voltage
TEMPERATURE (°C)
0.01
0.001
–55
0.1
10
VDD = 5V
VLOGIC = 0V OR VDD
–35
–15
5
25
45
1
65
85
105
125
Figure 9. Supply Current IDD vs. Temperature
FREQUENCY (Hz)
500
0
10k
1000
100k
1M
10M
100M
1k
1500
2000
3000
3500
2500
CODE = 0xF55
CODE = 0x800
CODE = 0xFFF
VDD = 5V
VREF = 10V
TA = 25°C
Figure 10. Supply Current IDD vs. Clock Frequency
FREQUENCY (Hz)
20
10k
ΔVDD = 5V ± 10%
100k
1M
10M
40
60
80
100
1k
Figure 11. Power Supply Rejection Ratio (PSRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com