Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5441 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 1 Page - Analog Devices

  AD5441 Datasheet HTML 1Page - Analog Devices AD5441 Datasheet HTML 2Page - Analog Devices AD5441 Datasheet HTML 3Page - Analog Devices AD5441 Datasheet HTML 4Page - Analog Devices AD5441 Datasheet HTML 5Page - Analog Devices AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12-Bit Serial Input
Multiplying DAC
Preliminary Technical Data
AD5441
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
3 V to 5 V supply operation
True 12-bit accuracy
5 V operation @ <10 μA
Fast 3-wire serial input
Fast 1 μs settling time
2.4 MHz, 4-quadrant multiply BW
Upgrade for DAC8043 and DAC8043A
Standard and rotated pinout
APPLICATIONS
Ideal for PLC applications in industrial control
Programmable amplifiers and attenuators
Digitally controlled calibration and filters
Motion control systems
FUNCTIONAL BLOCK DIAGRAM
12-BIT SHIFT
REGISTER
DAC REG
12
12
DAC
AD5441
VDD
VREF
LD
CLK
SRI
GND
IOUT
RFB
Figure 1.
GENERAL DESCRIPTION
The AD5441 is an improved high accuracy 12-bit multiplying
digital-to-analog converter (DAC) in space-saving 8-lead
packages. Featuring serial input, double buffering, and excellent
analog performance, the AD5441 is ideal for applications where
PC board space is at a premium. Improved linearity and gain
error performance permit reduced part counts through the
elimination of trimming components. Separate input clock and
load DAC control lines allow full user control of data loading
and analog output.
The circuit consists of a 12-bit serial-in/parallel-out shift
register, a 12-bit DAC register, a 12-bit CMOS DAC, and
control logic. Serial data is clocked into the input register on the
rising edge of the CLOCK pulse. When the new data-word is
clocked in, it is loaded into the DAC register with the LD input
pin. Data in the DAC register is converted to an output current
by the DAC.
Consuming only 10 μA from a single 5 V power supply, the
AD5441 is the ideal low power, small size, high performance
solution to many application problems.
The AD5441 is specified over the extended industrial (−40°C to
+125°C) temperature range. It is available in an 8-lead LFCSP
and an 8-lead MSOP.
CODE
0.1
0
–0.1
0
1024
2048
3072
4096
–0.5
0.5
0.4
0.3
0.2
–0.2
–0.3
–0.4
512
1536
2560
3584
TA = –40°C, +25°C, +85°C
VDD = +5V
VREF = –10V
Figure 2. Integral Nonlinearity Error vs. Code


Similar Part No. - AD5441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD544 AD-AD544 Datasheet
374Kb / 12P
High Performance, BiFET Operational Amplifiers
AD5440 AD-AD5440 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5440 AD-AD5440 Datasheet
717Kb / 32P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5440 AD-AD5440 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

Similar Description - AD5441

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
12-Bit CMOS Multiplying DAC
logo
Linear Technology
LTC1590 LINER-LTC1590 Datasheet
288Kb / 12P
Dual Serial 12-Bit Multiplying DAC
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
MAX543 MAXIM-MAX543 Datasheet
441Kb / 12P
CMOS, 12-Bit, Seral-Input Multiplying DAC
Rev 1; 10/92
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
12-Bit Monolithic Multiplying DAC
REV. B
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
Dual Serial 12-Bit Multiplying DAC
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com