Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9865BCPRL Datasheet(PDF) 14 Page - Analog Devices

Part # AD9865BCPRL
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPRL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9865BCPRL Datasheet HTML 10Page - Analog Devices AD9865BCPRL Datasheet HTML 11Page - Analog Devices AD9865BCPRL Datasheet HTML 12Page - Analog Devices AD9865BCPRL Datasheet HTML 13Page - Analog Devices AD9865BCPRL Datasheet HTML 14Page - Analog Devices AD9865BCPRL Datasheet HTML 15Page - Analog Devices AD9865BCPRL Datasheet HTML 16Page - Analog Devices AD9865BCPRL Datasheet HTML 17Page - Analog Devices AD9865BCPRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD9865
Rev. A | Page 14 of 48
INPUT FREQUENCY (MHz)
–6
0
6
12
18
24
30
36
42
48
61.0
60.5
60.0
59.5
59.0
58.5
58.0
57.5
57.0
56.5
56.0
–52
–54
–56
–58
–60
–62
–64
–66
–68
–70
–72
SNR @ 3.13V
SNR @ 3.3V
SNR @ 3.47V
THD @ 3.13V
THD @ 3.3V
THD @ 3.47V
Figure 15. SNR and THD vs. Input Frequency and Supply
( LPF f−3 dB = 26 MHz; RxPGA = 0 dB)
RxPGA GAIN (dB)
–6
0
6
12
18
24
30
36
42
48
109.4
98.5
87.5
76.6
65.6
54.7
43.8
32.8
21.9
10.9
0
20
18
16
14
12
10
8
6
4
2
0
AD9865: +25
°C
AD9865: +85
°C
AD9865: –40
°C
Figure 16. Input Referred Integrated Noise and Noise Spectral Density vs.
RxPGA Gain (LPF f−3 dB = 26 MHz)
GAIN (dB)
–6
0
6
12
18
24
30
36
42
48
5
–5
–4
–3
–2
–1
0
1
2
3
4
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
Figure 17. Rx DC Offset vs. RxPGA Gain
INPUT FREQUENCY (MHz)
20
30
40
50
60
70
80
60.0
55.0
–20
–70
–60
–50
–40
–30
55.5
56.0
56.5
57.0
57.5
58.0
58.5
59.0
59.5
SNR @ 3.13V
SNR @ 3.3V
SNR @ 3.46V
THD @ 3.13V
THD @ 3.3V
THD @ 3.46V
Figure 18. SNR and THD vs. Sample Rate and Supply
(LPF Disabled; RxPGA = 0 dB;
fIN = 8 MHz)
CUTOFF FREQUENCY (MHz)
0
1020
3040
506070
80
45
44
43
42
41
40
39
38
Figure 19. SNR vs. Filter Cutoff Frequency
(50 MSPS; fIN = 5 MHz; AIN =
−1 dB; RxPGA = 48 dB)
RxPGA GAIN (dB)
–6
0
6
12
18
24
30
36
42
48
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
AD9865: GAIN STEP ERROR @ +25
°C
AD9865: GAIN STEP ERROR @ +85
°C
AD9865: GAIN STEP ERROR @ –40
°C
Figure 20. RxPGA Gain Step Error vs. Gain (fIN = 10 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com