Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9865BCPRL Datasheet(PDF) 25 Page - Analog Devices

Part # AD9865BCPRL
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPRL Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9865BCPRL Datasheet HTML 21Page - Analog Devices AD9865BCPRL Datasheet HTML 22Page - Analog Devices AD9865BCPRL Datasheet HTML 23Page - Analog Devices AD9865BCPRL Datasheet HTML 24Page - Analog Devices AD9865BCPRL Datasheet HTML 25Page - Analog Devices AD9865BCPRL Datasheet HTML 26Page - Analog Devices AD9865BCPRL Datasheet HTML 27Page - Analog Devices AD9865BCPRL Datasheet HTML 28Page - Analog Devices AD9865BCPRL Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
AD9865
Rev. A | Page 25 of 48
RXCLK
RXSYNC
Rx[5:0]
Rx0LSB
Rx1MSB
Rx1LSB
Rx2MSB
Rx3LSB
Rx3MSB
tDv
tDH
Figure 54. Full-Duplex Rx Port Timing
To add flexibility to the full-duplex digital interface port, several
programming options are available in the SPI registers. These
options are listed in Table 14. The timing for the Tx[5:0] and/or
Rx[5:0] ports can be independently changed by selecting either
the rising or falling clock edge as the sampling/validating edge
of the clock. Inverting RXCLK (via Bit 1 or Register 0x05)
affects both the Rx and Tx interface, because they both use
RXCLK.
Table 14. SPI Registers for Full-Duplex Interface
Address (Hex)
Bit
Description
0x05
(2)
OSCIN to RXCLK
(1)
Invert RXCLK
(0)
Disable RXCLK
0x0B
(2)
Rx gain on Tx port
0x0C
(4)
Invert TXSYNC
(3)
Tx 5/5 nibble
(2)
LS nibble first
(1)
TXCLK negative edge
(0)
Twos complement
0x0D
(5)
Rx port three-state
(4)
Invert RXSYNC
(3)
Rx 5/5 nibble
(2)
LS nibble first
(1)
RXCLK negative edge
(0)
Twos complement
0x0E
(7)
Low drive strength
The default Tx and Rx data input formats are twos complement,
but can be changed to straight binary. The default TXSYNC and
RXSYNC settings can be changed such that the first nibble of
the word appears while TXSYNC, RXSYNC, or both are high.
Also, the least significant nibble can be selected as the first
nibble of the word (LS nibble first). The output driver strength
can also be reduced for lower data rate applications.
For the AD9865, the most significant nibble defaults to 6 bits,
and the least significant nibble defaults to 4 bits. This can be
changed so that the least significant nibble and most significant
nibble have 5 bits each. To accomplish this, set the 5/5 nibble bit
in Register 0x0C and Register 0x0D and use data pins Tx[5:1]
and Rx[5:1].
Figure 55 shows a possible digital interface between an ASIC
and the AD9865. The AD9865 serves as the master generating
the required clocks for the ASIC. This interface requires that the
ASIC reserve 16 pins for the interface, assuming a 6-bit nibble
width and the use of the Tx port for RxPGA gain control. Note
that the ASIC pin allocation can be reduced by 3, if a 5-bit
nibble width is used and the gain (or gain strobe) of the RxPGA
is controlled via the SPI port.
TO
Tx DIGITAL
FILTER
10/12
AD9865/AD9866
FROM
RxADC
10/12
RXSYNC
TXSYNC
TX_SYNC
RXCLK
CLKOUT1
CLKOUT2
CLKIN
DIGITAL ASIC
OSCIN
FROM
CRYSTAL
OR MASTER CLK
GAIN
OPTIONAL
Tx Data[5:0]
Rx Data[5:0]
Rx[5:0]
RX_SYNC
Tx[5:0]
6
TO
RxPGA
Figure 55. Example of a Full-Duplex Digital Interface
with Optional RxPGA Gain Control via Tx[5:0]
RxPGA CONTROL
The AD9865 contains a digital PGA in the Rx path that is used
to extend the dynamic range. The RxPGA can be programmed
over −12 dB to +48 dB with 1 dB resolution using a 6-bit word,
and with a 0 dB setting corresponding to a 2 V p-p input signal.
The 6-bit word is fed into a LUT that is used to distribute the
desired gain over three amplification stages within the Rx path.
Upon power-up, the RxPGA gain register is set to its minimum
gain of −12 dB. The RxPGA gain mapping is shown in Figure 56.
Table 15 lists the SPI registers pertaining to the RxPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com