Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NITROGEND2 Datasheet(PDF) 6 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 6 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 2Page - C-Media Electronics NITROGEND2 Datasheet HTML 3Page - C-Media Electronics NITROGEND2 Datasheet HTML 4Page - C-Media Electronics NITROGEND2 Datasheet HTML 5Page - C-Media Electronics NITROGEND2 Datasheet HTML 6Page - C-Media Electronics NITROGEND2 Datasheet HTML 7Page - C-Media Electronics NITROGEND2 Datasheet HTML 8Page - C-Media Electronics NITROGEND2 Datasheet HTML 9Page - C-Media Electronics NITROGEND2 Datasheet HTML 10Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 6 -
For vender specific requests, customers can use an EEPROM to create vendor specific
VID / PID / Product String, and even special hardware configuration. More flexible and
customized design is possible with GPIO pin, which is accessible by USB vendor specific
request. Volume control VR input pin; a traditional speaker front panel design can be built.
Nitrogen D2 support USB standard HID Interface which provide Volume _up / Volume
_down / Playback mute Buttons and Rotary Encoder for pure digital volume control.
2.FEATURES
USB 2.0 Full Speed Compatible and USB IF certification
USB Audio Devices Class Specification Ver1.0 Compatible
USB Bus Powered 500mA, without External Power Supply
High performance 16-Bit Stereo, 48 / 44.1 KHz Sampling Rate for Audio Playback
S/PDIF Output Interface
Embedded USB Transceiver
Embedded High Performance 16-Bit Audio DAC
Embedded Digital Control Power Amplifier for Speaker Driving
Support Power Amplifier Enable / Disable Control Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com