Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NITROGEND2 Datasheet(PDF) 18 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 18 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 14Page - C-Media Electronics NITROGEND2 Datasheet HTML 15Page - C-Media Electronics NITROGEND2 Datasheet HTML 16Page - C-Media Electronics NITROGEND2 Datasheet HTML 17Page - C-Media Electronics NITROGEND2 Datasheet HTML 18Page - C-Media Electronics NITROGEND2 Datasheet HTML 19Page - C-Media Electronics NITROGEND2 Datasheet HTML 20Page - C-Media Electronics NITROGEND2 Datasheet HTML 21Page - C-Media Electronics NITROGEND2 Datasheet HTML 22Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 18 -
Offset
Field
Size
Value (Hex)
Description
4
bNumEndpoints
1
01
Number of endpoints used by this
Interface: 1
5
bInterfaceClass
1
03
HID Interface Class
6
bInterfaceSubClass
1
00
No Subclass
7
bInterfaceProtocol
1
00
Must be set to 0
8
iInterface
1
00
Index of a string descriptor that
describes this interface.
HID Descriptor
Offset
Field
Size
Value (Hex)
Description
0
bLength
1
09
Total 9 Bytes
1
bDescriptorType
1
21
HID Descriptor Type
2
bcdHID
2
0100
HID class version 1.00
4
bCountryCode
1
00
5
bNumDescriptors
1
01
6
bDescriptorType
1
22
Report Descriptor
7
wDescriptorLength
2
002A
Numeric expression that is the
total size of the optional descriptor
Interrupt IN Endpoint Descriptor
Offset
Field
Size
Value (Hex)
Description
0
bLength
1
07
Total 7 Bytes
1
bDescriptorType
1
05
ENDPOINT Descriptor Type
2
bEndpointAddress
1
81
IN Endpoint
Endpoint number = 3
3
bmAttributes
1
03
Interrupt endpoint type
4
wMaxPacketSize
2
0003
Maximum packet size: 4 bytes
6
bInterval
1
04
Interrupt Interval: 4ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com