Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NITROGEND2 Datasheet(PDF) 9 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 9 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 5Page - C-Media Electronics NITROGEND2 Datasheet HTML 6Page - C-Media Electronics NITROGEND2 Datasheet HTML 7Page - C-Media Electronics NITROGEND2 Datasheet HTML 8Page - C-Media Electronics NITROGEND2 Datasheet HTML 9Page - C-Media Electronics NITROGEND2 Datasheet HTML 10Page - C-Media Electronics NITROGEND2 Datasheet HTML 11Page - C-Media Electronics NITROGEND2 Datasheet HTML 12Page - C-Media Electronics NITROGEND2 Datasheet HTML 13Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 9 -
3.3 PIN SIGNAL DESCRIPTIONS
Pin #
Symbol
Type
Description
1
EESK
DO, 8mA, SR
EEPROM Interface Clock
2
DVDD5V
P
5V Power Supply for Digital Circuit
3
EECS
DO, 8mA, SR
EEPROM Interface Chip Select
4
EEDW
DO, 8mA, SR
EEPROM Interface Write to EEPROM
5
EEDR
DI, ST, PD,
5VT
EEPROM Interface Read from EEPROM
6
LEDO
DO, 8mA, SR
LED Indicator for Playback
7
MUTE
DI, ST, PU
Mute Pin (HID Standard)
8
DVDD5V
P
5V Power Supply
9
DVDD5V
P
5V Power Supply
10
VP
DI, ST, PU
Digital Rotary Encoder Interface Pin A
11
VN
DI, ST, PU
Digital Rotary Encoder Interface Pin B
12
NC
-
No Connect
13
NC
-
No Connect
14
NC
-
No Connect
15
REGV
AO
Regulator output 3.3V
16
NC
-
No Connect
17
USB_DP
AIO
USB Data D+
18
NC
-
No Connect
19
USB_DM
AIO
USB Data D-
20
NC
-
No Connect
21
DVSS
P
Digital Ground
22
TEST
DI, ST, PD
Test Mode Select Pin, Pull-Down in normal Operation
23
VREF
AO
Connecting to External Decoupling Capacitor for
Embedded Band-gap Circuit; 2.25V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com