Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH2-PCB Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AH2-PCB
Description  High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH2-PCB Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AH2-PCB Datasheet HTML 1Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 2Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 3Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 4Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 5 April 2006
AH2
High Dynamic Range Amplifier
Product Information
The Communications Edge TM
Single – Ended CATV 75
: Evaluation Circuit: 50 – 860 MHz (AH2-PCB)
Typical RF Performance at 25
qC
Frequency
MHz 100
450
860
S21 – Gain
dB
14.5
14.5
13.2
S11 – Input R.L.
dB
-11.1 -12.7 -18.3
S22 – Output R.L.
dB
-9.5
-22.9 -10.6
Output IP2
(+5 dBm)
dBm
52.7
53.5
52.5
Output IP3
(+5 dBm / tone, 10 MHz spacing)
dBm
39.8
40.7
40.8
Noise Figure
dB
3.9
3.1
3.2
Device Bias
+5V @ 150mA
CTB
dBc
-71
CSO
dBc
-48
XMOD
dBc
-65
77 channels, 50-550MHz, +34dBmV/channel flat loading
IND
ID=L1
L=12 nH
IND
ID=L3
L=270 nH
CAP
ID=C4
C=1000 pF
CAP
ID=C3
C=1000 pF
CAP
ID=C1
C=1000 pF
CAP
ID=C2
C=2.2 pF
SUBCKT
ID=S1
NET="AH2"
PORT
P=1
Z=75 Ohm
PORT
P=2
Z=75 Ohm
+5 V
Circuit Board Material: .062” total thickness with a .028” FR-4 top RF layer, 4 layers (other
layers added for rigidity), 1 oz copper, 75 Microstrip.
Linearityvs. Frequency
0
10
20
30
40
50
60
0
200
400
600
800
1000
Frequency(MHz)
OIP3
OIP2
Input/OutputReturnLoss
andIsolation
-30
-20
-10
0
0
200
400
600
800
1000
Frequency(MHz)
S11
S12
S22
Gain
13
13.5
14
14.5
15
15.5
16
0
200
400
600
800
1000
Frequency(MHz)
S21-40C S2125C S2185C
CTB,CSO,andXMODVs.Frequency
-80
-70
-60
-50
-40
0
100
200
300
400
500
600
Frequency(MHz)
CTB
CSO
XMOD
77ChannelFlatLoading,+34dBmV/Ch.
NoiseFigure
0
1
2
3
4
5
0
200
400
600
800
1000
Frequency(MHz)
IP2andIP3vs. Power Out at 450MHz
25
30
35
40
45
50
55
-4
-2
0
2
4
6
8
10
Output power (dBm)
IP2
IP3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com