Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH2-PCB Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AH2-PCB
Description  High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH2-PCB Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AH2-PCB Datasheet HTML 1Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 2Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 3Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 4Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 5 April 2006
AH2
High Dynamic Range Amplifier
Product Information
The Communications Edge TM
Product Features
x 50 – 1000 MHz
x +40 dBm OIP3
x -71dBc CTB
x -48dBc CSO
x 3.5 dB Noise Figure
x 14.5 dB Gain
x +20 dBm P1dB
x Lead-free/Green/RoHS-compliant
SOT-89 Package
x Single +5 V Supply
x MTTF > 100 years
Applications
x CATV / DBS
Product Description
The AH2 is a general purpose, high dynamic range
amplifier targeting cable TV markets. The combination of
gain flatness, high linearity and bandwidth make it ideal for
CATV distribution, cable modem and laser diode driver
applications. The AH2 is designed for 75 ohm systems and
can operate directly from a +5 Volt DC regulator. The
device is manufactured using reliable GaAs MESFET
technology and boasts an MTBF of >100 years at a
mounting temperature of +85 °C. It is available in the
environmentally-friendly lead-free/green/RoHS-compliant
SOT-89 package. All devices are 100% RF and DC tested.
Functional Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications (1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
50
1000
Test Frequency
MHz
800
Gain
dB
13
14.5
Input Return Loss
dB
14
Output Return Loss
dB
17
Output P1dB
dBm
+21
Output IP3 (2)
dBm
+37
+40
Noise Figure
dB
3.5
Operating Current Range
mA
120
150
180
Supply Voltage
V
5
1. Test conditions unless otherwise noted: T = 25 ºC, 50
system.
2. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-55 to +150
qC
Supply Voltage
+6 V
RF Input Power (continuous)
+10 dBm
Junction Temperature
+220
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (3)
Parameter
Units
Typical
Frequency
MHz
100
860
S21
dB
14.5
13.2
S11
dB
-14
-14
S22
dB
-17
-17
Output P1dB
dBm
+20
+20
Output IP3 (2)
dBm
+40
+40
Output IP2 (2)
dBm
+52
+52
CTB (4)
dBc
-71
CSO (4)
dBc
-48
Xmod (4)
dBc
-65
Noise Figure
dB
3.5
3.5
Supply Voltage
V
5
Device Current
mA
150
3. Parameters reflect performance in a single-ended 75 ohm circuit, as shown on page 3.
4. 77 channels 50 – 550MHz +34dBmV/channel, flat-loading
Ordering Information
Part No.
Description
AH2-G
High Dynamic Range Amplifier
(lead-free/green/RoHS-compliant SOT-89 package)
AH2-PCB
Single-ended 75 ohm Application Circuit Board


Similar Part No. - AH2-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH2-PCB TRIQUINT-AH2-PCB Datasheet
190Kb / 5P
High Dynamic Range Amplifier
More results

Similar Description - AH2-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com