Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH2-PCB Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AH2-PCB
Description  High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH2-PCB Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AH2-PCB Datasheet HTML 1Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 2Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 3Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 4Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 5 of 5 April 2006
AH2
High Dynamic Range Amplifier
Product Information
The Communications Edge TM
AH2-G (Green / Lead-free SOT-89 Package) Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260
qC reflow temperature) and leaded
(maximum 245
qC reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Thermal Resistance, Rth (1)
59
qC / W
Junction Temperature, Tj (2)
129
qC
1. The thermal resistance is referenced from the hottest
part of the junction to the ground tab (pin 4).
2. This corresponds to the typical biasing condition of
+5V, 150 mA at an 85 C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 160 C.
Product Marking
The AH2-G will be marked with an “AH2G”
designator.
An alphanumeric lot code
(“XXXX-X” ) is also marked below the part
designator on the top surface of the package.
The obsolete tin-lead package is marked with
an “AH2” designator followed by an
alphanumeric lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 3 at +260 C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device. Vias should use a .35mm
(#80 / .0135” ) diameter drill and have a final plated
thru diameter of .25 mm (.010” ).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink. Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board
in the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are
in degrees.
MTTF vs. GND Tab Temperature
1
10
100
1000
60
70
80
90
100
110
Tab Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com