Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL32TM90 Datasheet(PDF) 1 Page - SPANSION

Part # MBM29PL32TM90
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 Datasheet(HTML) 1 Page - SPANSION

  MBM29PL32TM90 Datasheet HTML 1Page - SPANSION MBM29PL32TM90 Datasheet HTML 2Page - SPANSION MBM29PL32TM90 Datasheet HTML 3Page - SPANSION MBM29PL32TM90 Datasheet HTML 4Page - SPANSION MBM29PL32TM90 Datasheet HTML 5Page - SPANSION MBM29PL32TM90 Datasheet HTML 6Page - SPANSION MBM29PL32TM90 Datasheet HTML 7Page - SPANSION MBM29PL32TM90 Datasheet HTML 8Page - SPANSION MBM29PL32TM90 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
DS05-20907-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
32 M (4M
×××× 8/2M ×××× 16) BIT
MirrorFlashTM*
MBM29PL32TM/BM 90/10
s DESCRIPTION
The MBM29PL32TM/BM is a 32M-bit, 3.0 V-only Flash memory organized as 4M bytes by 8 bits or 2M words by
16 bits. The MBM29PL32TM/BM is offered in 48-pin TSOP(1) and 48-ball FBGA. The device is designed to be
programmed in-system with the standard 3.0 V VCC supply. 12.0 V VPP and 5.0 V VCC are not required for write or
erase operations. The devices can also be reprogrammed in standard EPROM programmers.
(Continued)
s PRODUCT LINE UP
s PACKAGES
* : MirrorFlashTM is a trademark of Fujitsu Limited.
Notes :
• Programming in byte mode ( × 8) is prohibited.
• Programming to the address that already contains data is prohibited.
(It is mandatory to erase data prior to overprogram on the same address.)
Part No.
MBM29PL32TM/BM
90
10
VCC
3.0 V to 3.6 V
3.0 V to 3.6 V
Max Address Access Time
90 ns
100 ns
Max CE Access Time
90 ns
100 ns
Max Page Read Access Time
25 ns
30 ns
48-pin plastic TSOP (1)
48-ball plastic FBGA
(FPT-48P-M19)
(BGA-48P-M20)


Similar Part No. - MBM29PL32TM90

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29PL3200BE FUJITSU-MBM29PL3200BE Datasheet
670Kb / 59P
32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE70 FUJITSU-MBM29PL3200BE70 Datasheet
670Kb / 59P
32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE70PBT FUJITSU-MBM29PL3200BE70PBT Datasheet
670Kb / 59P
32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE70PFV FUJITSU-MBM29PL3200BE70PFV Datasheet
670Kb / 59P
32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE90 FUJITSU-MBM29PL3200BE90 Datasheet
670Kb / 59P
32 M (2 M X 16/1 M X 32) BIT
More results

Similar Description - MBM29PL32TM90

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
AMIC Technology
A29DL32X AMICC-A29DL32X Datasheet
771Kb / 50P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
ATMEL Corporation
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
logo
SPANSION
MBM29LV160TM90 SPANSION-MBM29LV160TM90 Datasheet
567Kb / 57P
FLASH MEMORY CMOS 16 M (2M X 8/1M X 16) BIT MirrorFlashTM
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com