Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL32TM90 Datasheet(PDF) 10 Page - SPANSION

Part # MBM29PL32TM90
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 Datasheet(HTML) 10 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 6Page - SPANSION MBM29PL32TM90 Datasheet HTML 7Page - SPANSION MBM29PL32TM90 Datasheet HTML 8Page - SPANSION MBM29PL32TM90 Datasheet HTML 9Page - SPANSION MBM29PL32TM90 Datasheet HTML 10Page - SPANSION MBM29PL32TM90 Datasheet HTML 11Page - SPANSION MBM29PL32TM90 Datasheet HTML 12Page - SPANSION MBM29PL32TM90 Datasheet HTML 13Page - SPANSION MBM29PL32TM90 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
MBM29PL32TM/BM90/10
10
(Continued)
Legend : Address bits A20 to A11 = X = “H” or “L” for all address commands except for Program Address (PA),
Sector Address (SA) and Sector Group Address (SGA).
Bus operations are defined in “MBM29PL32TM/BM User Bus Operations (Word Mode : BYTE = VIH)”
and “MBM29PL32TM/BM User Bus Operations (Byte Mode : BYTE = VIL)”.
RA
= Address of the memory location to be read.
PA
= Address of the memory location to be programmed. Addresses are latched on the falling edge of
the write pulse.
SA
= Address of the sector to be programmed / erased. The combination of A20, A19, A18, A17, A16, A15,
A14, A13 and A12 will uniquely select any sector. See “Sector Address Table (MBM29PL32TM)”
and “Sector Address Table (MBM29PL32BM)”.
SGA = Sector Group Address to be protected. See “Sector Group Address Table (MBM29PL32TM)”
and “Sector Group Address Table (MBM29PL32BM)”.
RD
= Data read from location RA during read operation.
PD
= Data to be programmed at location PA. Data is latched on the rising edge of write plus.
WBL = Write Buffer Location
HRA = Address of the HiddenROM area ;
MBM29PL32TM (Top Boot Type)Word Mode : 1FFF7Fh to 1FFFFFh
Byte Mode
: 3FFEFFh to 3FFFFFh
MBM29PL32BM (Bottom Boot Type)Word Mode : 000000h to 00007Fh
Byte Mode
: 000000h to 0000FFh
*1
: The command combinations not described in “MBM29PL32TM/BM Standard Command Definitions” are
illegal.
*2
: Both of these reset commands are equivalent except for "Write to Buffer Abort" reset.
*3
: The Erase Suspend and Erase Resume command are valid only during a sector erase operation.
*4
: The Set to Fast Mode command is required prior to the Fast Program command.
*5
: The Reset from Fast Mode command is required to return to the read mode when the device is in fast mode.
*6
: Reset to the read mode. The Write to Buffer Abort Reset command is required after the Write to Buffer
operation was aborted.
*7
: This command is valid while RESET = VID.
*8
: Sector Group Address (SGA) with A6 = 0, A3 = 0, A2 = 0, A1 = 1, and A0 = 0
*9
: The valid address are A6 to A0.
*10 : The HiddenROM Entry command is required prior to the HiddenROM programming.
*11 : This command is valid during HiddenROM mode.
*12 : The data “F0h” is also acceptable.
*13 : Indicates read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com