Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL32TM90 Datasheet(PDF) 12 Page - SPANSION

Part # MBM29PL32TM90
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 Datasheet(HTML) 12 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 8Page - SPANSION MBM29PL32TM90 Datasheet HTML 9Page - SPANSION MBM29PL32TM90 Datasheet HTML 10Page - SPANSION MBM29PL32TM90 Datasheet HTML 11Page - SPANSION MBM29PL32TM90 Datasheet HTML 12Page - SPANSION MBM29PL32TM90 Datasheet HTML 13Page - SPANSION MBM29PL32TM90 Datasheet HTML 14Page - SPANSION MBM29PL32TM90 Datasheet HTML 15Page - SPANSION MBM29PL32TM90 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
MBM29PL32TM/BM90/10
12
Sector Address Table (MBM29PL32TM)
(Continued)
Sector
Sector Address
Sector
Size
(Kbytes/
Kwords)
(
××××8)
Address Range
(
××××16)
Address Range
A20 A19 A18 A17 A16 A15 A14 A13 A12
SA0
0
00000
X
X
X
64/32
000000h to 00FFFFh
000000h to 007FFFh
SA1
0
00001
X
X
X
64/32
010000h to 01FFFFh
008000h to 00FFFFh
SA2
0
00010
X
X
X
64/32
020000h to 02FFFFh
010000h to 017FFFh
SA3
0
00011
X
X
X
64/32
030000h to 03FFFFh
018000h to 01FFFFh
SA4
0
00100
X
X
X
64/32
040000h to 04FFFFh
020000h to 027FFFh
SA5
0
00101
X
X
X
64/32
050000h to 05FFFFh
028000h to 02FFFFh
SA6
0
00110
X
X
X
64/32
060000h to 06FFFFh
030000h to 037FFFh
SA7
0
00111
X
X
X
64/32
070000h to 07FFFFh
038000h to 03FFFFh
SA8
0
01000
X
X
X
64/32
080000h to 08FFFFh
040000h to 047FFFh
SA9
0
01001
X
X
X
64/32
090000h to 09FFFFh
048000h to 04FFFFh
SA10
0
01010
X
X
X
64/32
0A0000h to 0AFFFFh
050000h to 057FFFh
SA11
0
01011
X
X
X
64/32
0B0000h to 0BFFFFh
058000h to 05FFFFh
SA12
0
01100
X
X
X
64/32
0C0000h to 0CFFFFh
060000h to 067FFFh
SA13
0
01101
X
X
X
64/32
0D0000h to 0DFFFFh
068000h to 06FFFFh
SA14
0
01110
X
X
X
64/32
0E0000h to 0EFFFFh
070000h to 077FFFh
SA15
0
01111
X
X
X
64/32
0F0000h to 0FFFFFh
078000h to 07FFFFh
SA16
0
10000
X
X
X
64/32
100000h to 10FFFFh
080000h to 087FFFh
SA17
0
10001
X
X
X
64/32
110000h to 11FFFFh
088000h to 08FFFFh
SA18
0
10010
X
X
X
64/32
120000h to 12FFFFh
090000h to 097FFFh
SA19
0
10011
X
X
X
64/32
130000h to 13FFFFh
098000h to 09FFFFh
SA20
0
10100
X
X
X
64/32
140000h to 14FFFFh
0A0000h to 0A7FFFh
SA21
0
10101
X
X
X
64/32
150000h to 15FFFFh
0A8000h to 0AFFFFh
SA22
0
10110
X
X
X
64/32
160000h to 16FFFFh
0B0000h to 0B7FFFh
SA23
0
10111
X
X
X
64/32
170000h to 17FFFFh
0B8000h to 0BFFFFh
SA24
0
11000
X
X
X
64/32
180000h to 18FFFFh
0C0000h to 0C7FFFh
SA25
0
11001
X
X
X
64/32
190000h to 19FFFFh
0C8000h to 0CFFFFh
SA26
0
11010
X
X
X
64/32
1A0000h to 1AFFFFh
0D0000h to 0D7FFFh
SA27
0
11011
X
X
X
64/32
1B0000h to 1BFFFFh
0D8000h to 0DFFFFh
SA28
0
11100
X
X
X
64/32
1C0000h to 1CFFFFh
0E0000h to 0E7FFFh
SA29
0
11101
X
X
X
64/32
1D0000h to 1DFFFFh
0E8000h to 0EFFFFh
SA30
0
11110
X
X
X
64/32
1E0000h to 1EFFFFh
0F0000h to 0F7FFFh
SA31
0
11111
X
X
X
64/32
1F0000h to 1FFFFFh
0F8000h to 0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com