Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL65LM90TN Datasheet(PDF) 52 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 52 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 48Page - SPANSION MBM29PL65LM90TN Datasheet HTML 49Page - SPANSION MBM29PL65LM90TN Datasheet HTML 50Page - SPANSION MBM29PL65LM90TN Datasheet HTML 51Page - SPANSION MBM29PL65LM90TN Datasheet HTML 52Page - SPANSION MBM29PL65LM90TN Datasheet HTML 53Page - SPANSION MBM29PL65LM90TN Datasheet HTML 54Page - SPANSION MBM29PL65LM90TN Datasheet HTML 55Page - SPANSION MBM29PL65LM90TN Datasheet HTML 56Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MBM29PL65LM-90/10
52
(7) Extended Sector Group Protection Algorithm
To Protect Sector Group
Yes
No
No
PLSCNT = 1
Protection Other Sector
Start
Sector Group Protection
Extended Sector Group
Completed
Remove VID from RESET
Write Reset Command
RESET = VID
Wait to 4
µs
Protection Entry?
To Setup Sector Group
Protection Write XXXh/60h
Write 60h to Sector Address
(A6 = A3 = A2 = A0 =VIL, A1 = VIH)
Time Out 250
µs
To Verify Sector Group Protection
Write 40h to Sector Address
(A6 = A3 = A2 = A0 =VIL, A1 = VIH)
Data = 01h?
Group ?
Device is Operating in
Temporary Sector Group
Read from Sector Group
(A6 = A3 = A2 = A0 =VIL, A1 = VIH)
Increment PLSCNT
No
Yes
Yes
Unprotection Mode
Address
Setup Next Sector Group
Address
No
Yes
PLSCNT = 25?
Device Failed
Remove VID from RESET
Write Reset Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com