Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL65LM90TN Datasheet(PDF) 16 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 16 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 12Page - SPANSION MBM29PL65LM90TN Datasheet HTML 13Page - SPANSION MBM29PL65LM90TN Datasheet HTML 14Page - SPANSION MBM29PL65LM90TN Datasheet HTML 15Page - SPANSION MBM29PL65LM90TN Datasheet HTML 16Page - SPANSION MBM29PL65LM90TN Datasheet HTML 17Page - SPANSION MBM29PL65LM90TN Datasheet HTML 18Page - SPANSION MBM29PL65LM90TN Datasheet HTML 19Page - SPANSION MBM29PL65LM90TN Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MBM29PL65LM-90/10
16
Page Mode Read
The device is capable of fast Page mode read and are compatible with Page mode Mask ROM read operation.
This mode provides faster read access speed for random locations within a page. Page size is 4 words, within
the appropriate Page being selected by the higher address bits A21 to A2 and the address bits A1 to A0 in Word
mode (A1 to A-1 in Byte mode). The initial page access is equal to the random access (tACC) and subsequent
Page read access (as long as the locations specified by the microprocessor fall within that Page) is equivalent
to the page access time (tPACC).
Output Disable
With the OE input is at logic high level (VIH), output from the device is disabled. This causes the output pins to
be in a high impedance state.
Write
Device erase and programming are accomplished via the command register. The contents of the register serve
as input to the internal state machine. The state machine output dictates the device function.
The command register itself does not occupy any addressable memory location. The register is a latch used to
store the commands, along with the address and data information needed to execute the command. The com-
mand register is written by bringing WE to VIL, while CE is at VIL and OE is at VIH. Addresses are latched on the
falling edge of WE or CE, whichever starts later, while data is latched on the rising edge of WE or CE, whichever
starts first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing parameters.
Sector Group Protection
The device features hardware sector group protection. This feature will disable both program and erase opera-
tions in any combination of 32 sector groups of memory. See “Sector Group Address Table (MBM29PL65LM)”
in “s DEVICE BUS OPERATION”. The user’s side can use the sector group protection using programming
equipment. The device is shipped with all sector groups that are unprotected.
To activate it, the programming equipment must force VID on address pin A9 and control pin OE, CE = VIL and
A6 = A3 = A2 = A0 = VIL, A1 = VIH. The sector group addresses (A21, A20, A19, A18, and A17) should be set to the
sector to be protected. “Sector Address Table (MBM29PL65LM)” in “s DEVICE BUS OPERATION” defines the
sector address for each of the seventy-one (71) individual sectors, and “Sector Group Address Table
(MBM29PL65LM)” in “s DEVICE BUS OPERATION” defines the sector group address for each of the twenty-
four (24) individual group sectors. Programming of the protection circuitry begins on the falling edge of the WE
pulse and is terminated with the rising edge of the same. Sector group addresses must be held constant during
the WE pulse. See “Sector Group Protection Timing Diagram” in “s TIMING DIAGRAM” and “Sector Group
Protection Algorithm” in “s FLOW CHART” for sector group protection timing diagram and algorithm.
To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sector group addresses (A21, A20, A19, A18 and A17) while (A6,
A3, A2, A1, A0) = (0, 0, 0, 1, 0) will produce a logical “1” code at device output DQ0 for a protected sector. Otherwise
the device will produce “0” for unprotected sectors. In this mode, the lower order addresses, except for A0, A1,
A2, A3 and A6 can be either High or Low.
Where the high order addresses (A21, A20, A19, A18 and A17) are the desired sector group address will produce a
logical “1” at DQ0 for a protected sector group. See “Sector Group Protection Verify Autoselect Codes” in
“s DEVICE BUS OPERATION” for Autoselect codes.
Temporary Sector Group Unprotection
This feature allows temporary unprotection of previously protected sector groups of the devices in order to change
data. The Sector Group Unprotection mode is activated by setting the RESET pin to high voltage (VID). During
this mode, formerly protected sector groups can be programmed or erased by selecting the sector group ad-
dresses. Once the VID is taken away from the RESET pin, all the previously protected sector groups will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com