Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL65LM90TN Datasheet(PDF) 24 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 24 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 20Page - SPANSION MBM29PL65LM90TN Datasheet HTML 21Page - SPANSION MBM29PL65LM90TN Datasheet HTML 22Page - SPANSION MBM29PL65LM90TN Datasheet HTML 23Page - SPANSION MBM29PL65LM90TN Datasheet HTML 24Page - SPANSION MBM29PL65LM90TN Datasheet HTML 25Page - SPANSION MBM29PL65LM90TN Datasheet HTML 26Page - SPANSION MBM29PL65LM90TN Datasheet HTML 27Page - SPANSION MBM29PL65LM90TN Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
MBM29PL65LM-90/10
24
Hardware Sequence Flags Table
*1 : Successive reads from the erasing or erase-suspend sector will cause DQ2 to toggle.
*2 : Reading from non-erase suspend sector address will indicate logic “1” at the DQ2 bit.
*3 : DQ1 indicates the Write-to-Buffer ABORT status during Write-Buffer-Programming operations.
*4 : The Data Polling algorithm detailed in “Data Polling Algorithm” in “ s FLOW CHART” should be used for Write-
Buffer-Programming operations. Note that DQ7 during Write-Buffer-Programming indicates the data-bar for
DQ7 data for the LAST LOADED WRITE-BUFFER ADDRESS location.
DQ7
Data Polling
The device features Data Polling as a method to indicate to the host that the Embedded Algorithms are in
progress or completed. During the Embedded Program Algorithm, an attempt to read the device will produce a
complement of data last written to DQ7. Upon completion of the Embedded Program Algorithm, an attempt to
read the device will produce true data last written to DQ7. During the Embedded Erase Algorithm, an attempt to
read the device will produce a “0” at the DQ7 output. Upon completion of the Embedded Erase Algorithm, an
attempt to read device will produce a “1” on DQ7. The flowchart for Data Polling (DQ7) is shown in “Data Polling
Algorithm”. For programming, the Data Polling is valid after the rising edge of the fourth write pulse in the four
write pulse sequences.
For programming, the Data Polling is valid after the rising edge of the fourth write pulse in the four write pulse
sequences.
For chip erase and sector erase, the Data Polling is valid after the rising edge of the sixth write pulse in the six
write pulse sequences. Data Polling must be performed at sector addresses of sectors being erased, not pro-
tected sectors. Otherwise the status may become invalid.
If a program address falls within a protected sector, Data Polling on DQ7 is active for approximately 1
µs, then
that bank returns to the read mode. After an erase command sequence is written, if all sectors selected for
erasing are protected, Data Polling on DQ7 is active for approximately 400
µs, then the bank returns to read mode.
Status
DQ7
DQ6
DQ5
DQ3
DQ2
DQ1 *3
In
Progress
Embedded Program Algorithm
DQ7
Toggle
0
0
1
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle *1
N/A
Program
Suspend
Mode
Program-Suspend-Read
(Program Suspend Sector)
Data
Data
Data
Data
Data
Data
Program-Supend -Read
(Non-Program Suspended Sector)
Data
Data
Data
Data
Data
Data
Erase
Suspend
Mode
Erase Suspend Read
(Erase Suspended Sector)
1
1
0
0
Toggle *1
N/A
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Data
Erase Suspend Program
(Non-Erase Suspended Sector)
DQ7
Toggle
0
0
1 *2
N/A
Exceeded
Time
Limits
Embedded Program Algorithm
DQ7
Toggle
1
0
1
N/A
Embedded Erase Algorithm
0
Toggle
1
1
N/A
N/A
Erase
Suspend
Mode
Erase Suspend Program
(Non-Erase Suspended Sector)
DQ7
Toggle
1
0
N/A
N/A
Write to
Buffer *4
BUSY State
DQ7
Toggle
0
N/A
N/A
0
Exceeded Timing Limits
DQ7
Toggle
1
N/A
N/A
0
ABORT State
N/A
Toggle
0
N/A
N/A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com