Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5001T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PPC5001T
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PPC5001T Datasheet(HTML) 6 Page - NXP Semiconductors

  PPC5001T Datasheet HTML 1Page - NXP Semiconductors PPC5001T Datasheet HTML 2Page - NXP Semiconductors PPC5001T Datasheet HTML 3Page - NXP Semiconductors PPC5001T Datasheet HTML 4Page - NXP Semiconductors PPC5001T Datasheet HTML 5Page - NXP Semiconductors PPC5001T Datasheet HTML 6Page - NXP Semiconductors PPC5001T Datasheet HTML 7Page - NXP Semiconductors PPC5001T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1997 Mar 03
6
Philips Semiconductors
Product specification
NPN microwave power transistor
PPC5001T
PACKAGE OUTLINE
UNIT
A
max.
c
b
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
2.8
1.3
0.1
2.8
2.64
2.38
3.61
3.35
3.8
3.1
0.58
A1
max.
0.2
1.7
w
DIMENSIONS (mm are the original dimensions)
SOT447A
0
2.5
5 mm
scale
D
EE1
G
max.
L
min.
Q
Flangeless ceramic package; 2 leads
SOT447A
c
Q
A1
A
b
L
E1
E
G
L
B
D
3
1
2
wA
M
seating
plane



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com