Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68CBL05C Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 17Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 18Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 19Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 20Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 21Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 22Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 23Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 24Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 286 page
background image
MCU Block Diagram
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
21
1.3 MCU Block Diagram
Figure 1-1 shows the structure of the MC68HC908GR8.
Figure 1-1. MCU Block Diagram
SINGLE BRKPT BREAK
MODULE
CLOCK GENERATOR MODULE
24 INTR SYSTEM INTEGRATION
MODULE
PROGR. TIMEBASE
MODULE
MONITOR MODULE
SERIAL PERIPHERAL
1-CHANNEL TIMER INTERFACE
MODULE 2
DUAL V. LOW-VOLTAGE INHIBIT
MODULE
4-BIT KEYBOARD
ARITHMETIC/LOGIC
UNIT (ALU)
CPU
REGISTERS
M68HC08 CPU
CONTROL AND STATUS REGISTERS — 64 BYTES
MC68HC908GR8 USER FLASH — 7680 BYTES
USER RAM — 384 BYTES
MONITOR ROM — 310 BYTES
USER FLASH VECTOR SPACE — 36 BYTES
SINGLE EXTERNAL IRQ
MODULE
INTERNAL BUS
OSC1
OSC2
CGMXFC
* RST
* IRQ
INTERFACE MODULE
INTERRUPT MODULE
COMPUTER OPERATING
PROPERLY MODULE
PTA3/KBD3–
VDDAD / VREFH
8-BIT ANALOG-TO-DIGITAL
CONVERTER MODULE
PTD6/T2CH0 †
PTD5/T1CH1 †
PTD4/T1CH0 †
PTD3/SPSCK †
PTD2/MOSI †
PTD1/MISO †
PTD0/SS †
PTE1/RxD
PTE0/TxD
VSSAD / VREFL
2-CHANNEL TIMER INTERFACE
MODULE 1
32-kHz OSCILLATOR
PHASE-LOCKED LOOP
SERIAL COMMUNICATIONS
INTERFACE MODULE
DATA BUS SWITCH
MODULE
MEMORY MAP
MODULE
MASK OPTION REGISTER1
MODULE
SECURITY
MODULE
POWER
VSS
VDD
VSSA
VDDA
† Ports are software configurable with pullup device if input port.
‡ Higher current drive port pins
* Pin contains integrated pullup device
MONITOR MODE ENTRY
MODULE
PTB5/AD5–
PTC1–PTC0 † ‡
POWER-ON RESET
MODULE
FLASH PROGRAMMING (BURN-IN) ROM — 544 BYTES
MASK OPTION REGISTER2
MODULE
MC68HC908GR4 USER FLASH — 4096BYTES
PTA0/KBD0 †
PTB0/AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com