Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68CBL05C Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 35Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 36Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 37Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 38Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 39Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 40Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 41Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 42Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 286 page
background image
Computer Operating Properly Module (COP)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
39
3.6 Computer Operating Properly Module (COP)
3.6.1 Wait Mode
The COP remains active in wait mode. To prevent a COP reset during wait mode, periodically clear the
COP counter in a CPU interrupt routine.
3.6.2 Stop Mode
Stop mode turns off the COPCLK input to the COP and clears the SIM counter. Service the COP
immediately before entering or after exiting stop mode to ensure a full COP timeout period after entering
or exiting stop mode.
The STOP bit in the configuration register (CONFIG) enables the STOP instruction. To prevent
inadvertently turning off the COP with a STOP instruction, disable the STOP instruction by clearing the
STOP bit.
3.7 External Interrupt Module (IRQ)
3.7.1 Wait Mode
The IRQ module remains active in wait mode. Clearing the IMASK bit in the IRQ status and control
register enables IRQ CPU interrupt requests to bring the MCU out of wait mode.
3.7.2 Stop Mode
The IRQ module remains active in stop mode. Clearing the IMASK bit in the IRQ status and control
register enables IRQ CPU interrupt requests to bring the MCU out of stop mode.
3.8 Keyboard Interrupt Module (KBI)
3.8.1 Wait Mode
The keyboard module remains active in wait mode. Clearing the IMASKK bit in the keyboard status and
control register enables keyboard interrupt requests to bring the MCU out of wait mode.
3.8.2 Stop Mode
The keyboard module remains active in stop mode. Clearing the IMASKK bit in the keyboard status and
control register enables keyboard interrupt requests to bring the MCU out of stop mode.
3.9 Low-Voltage Inhibit Module (LVI)
3.9.1 Wait Mode
If enabled, the LVI module remains active in wait mode. If enabled to generate resets, the LVI module can
generate a reset and bring the MCU out of wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com