Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68CBL05C Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 61Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 62Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 63Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 64Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 65Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 66Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 67Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 68Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 286 page
background image
Low-Power Modes
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
65
6.3.3 TIMI and TIM2 During Break Interrupts
A break interrupt stops the timer counters and inhibits input captures.
6.3.4 COP During Break Interrupts
The COP is disabled during a break interrupt when VTST is present on the RST pin.
6.4 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby modes.
6.4.1 Wait Mode
If enabled, the break module is active in wait mode. In the break routine, the user can subtract one from
the return address on the stack if SBSW is set. See Chapter 3 Low-Power Modes. Clear the BW bit by
writing logic 0 to it.
6.4.2 Stop Mode
A break interrupt causes exit from stop mode and sets the SBSW bit in the break status register.
6.5 Break Module Registers
These registers control and monitor operation of the break module:
•
Break status and control register (BRKSCR)
•
Break address register high (BRKH)
•
Break address register low (BRKL)
•
SIM break status register (SBSR)
•
SIM break flag control register (SBFCR)
6.5.1 Break Status and Control Register
The break status and control register (BRKSCR) contains break module enable and status bits.
BRKE — Break Enable Bit
This read/write bit enables breaks on break address register matches. Clear BRKE by writing a logic 0
to bit 7. Reset clears the BRKE bit.
1 = Breaks enabled on 16-bit address match
0 = Breaks disabled on 16-bit address match
Address:
$FE0E
Bit 7
654321
Bit 0
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
= Unimplemented
Figure 6-3. Break Status and Control Register (BRKSCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com