Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN327 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN327
Description  N-Channel 2.5 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN327 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN327 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN327 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN327 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN327 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN327 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Applications
Load switch
Battery protection
Power management
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 8
V
ID
Drain Current
– Continuous
(Note 1a)
2
A
– Pulsed
8
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
SOT–23
1. GATE
2. SOURCE
3. DRAIN
N-Channel 2.5 V (D-S) MOSFET
FDN327
Rev:2023A2
1
Features
VDS (V) = 20V
RDS(ON)
125m
(V GS = 4.5V)
RDS(ON)
190m
(V GS = 2.5V)
RDS(ON)
80m
(VGS = 1.8V)


Similar Part No. - FDN327

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDN327 UMW-FDN327 Datasheet
403Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN327N FAIRCHILD-FDN327N Datasheet
84Kb / 5P
N-Channel 1.8 Vgs Specified PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN327N UMW-FDN327N Datasheet
403Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
logo
ON Semiconductor
FDN327N ONSEMI-FDN327N Datasheet
186Kb / 7P
N-Channel 1.8 Vgs Specified PowerTrench® MOSFET
October 2001 Rev C
More results

Similar Description - FDN327

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
05-Aug-02
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
N-Channel 2.5-V (G-S) MOSFET
18-Aug-03
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
26-May-03
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
N-Channel 2.5-V (G-S) MOSFET
01-Aug-05
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
N-Channel 2.5-V (G-S) MOSFET
04-May-09
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
N-Channel 2.5-V (G-S) MOSFET
12-Oct-09
logo
Guangdong Youtai Semico...
FDN327 UMW-FDN327 Datasheet
403Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
FDN339 UMW-FDN339 Datasheet
442Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com