Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33291 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33291
FUNCTIONAL DESCRIPTION
The total power dissipation available is dependent on the
number of outputs enabled at any one time. At 25°C the
RDS(ON) in 450 mΩ with a coefficient of 6500 ppm/°C. For the
junction temperature to remain below 150°C, the maximum
available power dissipation must decrease as the ambient
temperature increases. Figure 23 depicts the per output limit
of current at ambient temperatures necessary when one,
four, or eight outputs are enable ON. Figure 25 illustrates
how the RDS(ON) output value is affected by junction
temperature.
Figure 22. Thermal Model (Electrical Equivalent)
Junction Temperature Node
VD - TD (C°)
(Volts represent Die Surface Temperature)
IPWR (Steady State or Transient)
(1.0 A = 1.0 W of Device Power Dissipation)
Flag Temperature Node
Ambient Temperature Node
VA = TA (C°)
(1.0 V = 1°C Ambient Temperature)
Cpkg = Cflag + CPC Board
Rpkg = Rleads + RPC Board
Output 0
Output 1
Output 2
Output 6
Output 7
Rd0
Rd1
Rd2
Rd6
Rd7
Cd0
Cd1
Cd2
Cd6
Cd7
Package
Rdx
(
Ω)*
Cdx
(F)*
Rpkg
(
Ω)*
Cpkg
(F)*
24-Lead
7.0
0.002
33
0.15
*
Ω = °C/W, F = W s/°C, I
PWR = W, and VA = °C
SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com