Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33291 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33291
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 11. Turn-On/-Off Waveforms
Figure 12. Output Fault Unlatch Disable
Delay Waveforms
90%
50%
10%
90%
10%
tDLY(OFF)
tDLY(ON)
CS
Output Voltage
Output Voltage
tR(SI)
< 50 ns
< 50 ns
tF(SI)
5.0 V
0
14 V
VOL
VOL
14 V
1. tDLY(ON) and tDLY(OFF) are turn-ON and turn-OFF propagation delay
times.
2. Turn-OFF is an output programmed from an ON to an OFF state.
3. Turn-ON is an output programmed from and OFF to an ON state.
Waveform 2
Waveform 1
90%
50%
10%
< 50 ns
< 50 ns
tPDLY(OFF)
tR(SI)
tF(SI)
CS
Output Voltage
Output Current
5.0 V
0
VOFF = 11 V
IO(CL)
VON = 5.0 V
0
1. tPDLY(OFF) is the output fault unlatch disable propagation delay time re-
quired to correctly report an output fault after CS rises. It represents an
output commanded ON while having an existing output short (overcurrent)
to supply.
2. The SFPD pin < 0.2 V.
Waveform
Waveform
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com