Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33291 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33291
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 17. Power ON Reset
SHORT FAULT PROTECT DISABLE (SFPD)
The Short Fault Protect Disable (SFPD) pin is used to
prevent the outputs from latching-off due to an overcurrent
condition. This feature provides control of incandescent lamp
loads where in-rush currents exceed the device’s analog
current limits. Essentially the SFPD pin determines whether
the 33291 output(s) will instantly shut down upon sensing an
output short or remain ON in a current limiting mode of
operation until the output short is removed or thermal
shutdown is reached. If the SFPD pin is tied to VDD = 5.0 V
the 33291 output(s) will remain ON in a current limited mode
of operation upon encountering a load short to supply or
overcurrent condition. When the SFPD pin is grounded, a
short circuit will immediately shut down only the output
affected. Other outputs not having a fault condition will
operate normally. The short circuit operation is addressed in
more detail later.
POWER CONSUMPTION
The 33291 has extremely low power consumption in both
the operating and standby modes. In the standby, or Sleep,
mode, with VDD ≤ 2.0 V, the current consumed by the VPWR
pin is less than 25
µA. In the operating mode, the current
drawn by the VDD pin is less than 4.0 mA (1.0 mA typical)
while the current drawn at the VPWR pin is 2.0 mA maximum
(1.0 mA typical). During normal operation, turning outputs
ON increases IPWR by only 20 µA per output. Each output
experiencing a soft short (overcurrent conditions just under
the current limit) adds 0.5 mA to the IPWR current
PARALLELING OF OUTPUTS
Using MOSFETs as output switches permits connecting
any combination of outputs together. RDS(ON) of MOSFETs
have an inherent positive temperature coefficient providing
balanced current sharing between outputs without
destructive operation (bipolar outputs could not be paralleled
in this fashion as thermal run-away would likely occur). The
device can even be operated with all outputs tied together.
This mode of operation may be desirable in the event the
application requires lower power dissipation or the added
capability of switching higher currents.
Performance of parallel operation results in a
corresponding decrease in RDS(ON) while the Output OFF
Open Load Detect Currents and the Output Current Limits
increase correspondingly (by a factor of eight if all outputs are
paralleled). Less than 125 m
Ω R
DS(ON) at 25°C with current
limiting of 8 A to 24 A will result if all outputs are paralleled
together. There will be no change in the overvoltage detect or
the OFF output threshold voltage range. The advantage of
paralleling outputs within the same 33291 affords the
existence of minimal RDS(ON) and output clamp voltage
variation between outputs.
Typically, the variation of RDS(ON) between outputs of the
same device is less than 0.5 percent. The variation in clamp
voltages, potentially affecting dynamic current sharing, is less
than five percent. Paralleling outputs from two or more
different devices is possible, but it is not recommended.
There is no guarantee the RDS(ON) and clamp voltage of the
two devices will match. System level thermal design analysis
and verification should be conducted whenever paralleling
outputs, particularly where different devices are involved.
+
VDD
RDLY
CDLY
Reset
20
µA
Reset
MCU
33291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com