Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2521A60-R Datasheet(PDF) 10 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 10 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 13Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 14Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
10 of 16
QA040406
Typical Performance Data (Over Temperature: -40 C, 25 C, 85 C)
Conditions: VCC = VEN = 3.3 V, Frequency = 2450 MHz, as measured on SiGe Semiconductor’s SE2521A60-EV1
evaluation board , all unused ports terminated with 50 ohms, unless otherwise noted.
802.11g Typical Performance
Conditions: 54Mbps 802.11g OFDM Signal
802.11g EVM vs. Output Pow er over Frequency, Tem perature
(3.3V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
-40 C, 2400 MHz
-40 C, 2450 MHz
-40 C, 2500 MHz
25 C, 2400 MHz
25 C, 2450 MHz
25 C, 2500 MHz
85 C, 2400 MHz
85 C, 2450 MHz
85 C, 2500 MHz
802.11g EVM vs. Output Pow er over Tem perature, Voltage
(2450 MHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
-40 C, 2.7 V
-40 C, 3.0 V
-40 C, 3.3 V
-40 C, 3.6 V
25 C, 2.7 V
25 C, 3.0 V
25 C, 3.3 V
25 C, 3.6 V
85 C, 2.7 V
85 C, 3.0 V
85 C, 3.3 V
85 C, 3.6 V
Figure 10: 802.11g Typical EVM Performance: (a) Over Frequency and Temperature, (b) Over Voltage and
Temperature
802.11g OFDM ICC vs. Output Pow er over Frequency, Term perature
(3.3 V)
100
120
140
160
180
200
220
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Pow er (dBm )
-40 C, 2400 MHz
-40 C, 2450 MHz
-40 C, 2500 MHz
25 C, 2400 MHz
25 C, 2450 MHz
25 C, 2500 MHz
85 C, 2400 MHz
85 C, 2450 MHz
85 C, 2500 MHz
Figure 11: 802.11g Typical Current Consumption (ICC) Performance over Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com