Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2521A60-R Datasheet(PDF) 14 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 14 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 13Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 14Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 15Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 16Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
14 of 16
QA040406
Recommended PCB Footprint
Figure 18 shows the recommended PCB footprint for the SE2521A60.
PIN
NAME
DESCRIPTION
VIA IN SIGNAL LAND TABLE
RECOMMENDED
NOTES :
SIGNAL
LAND DETAIL
GROUND
PAD DETAIL
PASTE SCREEN PATTERN
MASK PATTERN
LAND PATTERN
LGA100P800X700-24-610X505
RECOMMENDED FOOTPRINT
01
Figure 18: SE2521A60 Recommended PCB Footprint
Branding Information
The device branding is shown in Figure 19.
SiGe
2521A60
Lot Code
Pin 1 Identifier
Part Number
Lot Code
Pin 1
e4
Terminal Finish
Figure 19: SE2521A60 Branding and Pin 1 Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com