Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2521A60-R Datasheet(PDF) 11 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 11 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 13Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 14Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 15Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
11 of 16
QA040406
802.11b Typical Performance
802.11B ACPR-Adj vs. Output Pow er over Voltage, Tem perature
(2450 MHz, 802.11b 11 Mbps Signal)
-40
-38
-36
-34
-32
-30
-28
-26
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
-40 C, 2.7 V
-40 C, 3.0 V
-40 C, 3.3 V
-40 C, 3.6 V
25 C, 2.7 V
25 C, 3.0 V
25 C, 3.3 V
25 C, 3.6 V
85 C, 2.7 V
85 C, 3.0 V
85 C, 3.3 V
85 C, 3.6 V
802.11B ACPR-Alt vs. Output Pow er over Voltage, Tem perature
(2450 MHz, 802.11b 11Mbps Signal)
-70
-65
-60
-55
-50
-45
-40
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
-40 C, 2.7 V
-40 C, 3.0 V
-40 C, 3.3 V
-40 C, 3.6 V
25 C, 2.7 V
25 C, 3.0 V
25 C, 3.3 V
25 C, 3.6 V
85 C, 2.7 V
85 C, 3.0 V
85 C, 3.3 V
85 C, 3.6 V
(a)
(b)
Figure 12: 802.11b Typical ACPR Performance over Voltage and Temperature (11 Mbps, CCK, BT = 0.45) (a)
802.11b ACPR-ADJ vs. POUT and (b) 802.11b ACPR-ALT vs. POUT
2nd Harm onic vs. Output Pow er over Tem perature
(3.3 V, 2450 MHz, 802.11b 1Mbps CCK Signal)
-70
-65
-60
-55
-50
-45
-40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
-40 C
25 C
85 C
3rd Harm onic vs. Output Pow er over Tem perature
(3.3 V, 2450 MHz, 802.11b 1Mbps CCK Signal)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
-40 C
25 C
85 C
Figure 13: 802.11b Typical Harmonic Performance over Temperature (1 Mbps, CCK) (a) 2
nd Harmonic (b) 3rd
Harmonic
CW Typical Performance
P1dB vs. Frequency over Tem perature (3.3 V, CW)
24
24.5
25
25.5
26
26.5
27
2400
2420
2440
2460
2480
2500
Frequency (MHz)
-40 C
25 C
85 C
Sm all Signal Gain vs. Frequency over Tem perature (3.3 V, CW)
25
26
27
28
29
30
31
32
33
2400
2420
2440
2460
2480
2500
Frequency (MHz)
-40 C
25 C
85 C
(a)
(b)
Figure 14: Typical CW Performance over Temperature (a) P1dB vs. Frequency, (b) Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com