Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34701 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
34701
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Single 5.0 V Supply, VIN1 = VIN2, or Dual Supply VIN1
≠
VIN2
The LDO supplies the microprocessor I/O voltage. The
switcher supplies the core (e.g., 1.5 V nominal) (see
Figure 18, page 23).
Power-Up
This condition depends upon the regulator current limit,
load current and capacitance, and the relative rise times of
the VIN1 and VIN2 supplies. There are two cases:
1. LDO rises faster than VOUT. The LDO uses control
methods (1) and (2) described in the section Methods
of Control on page 23.
2. VOUT rises faster than LDO. The switcher uses control
methods (5) and (6) described in the section Methods
of Control on page 23.
Power-Down
This condition depends upon the regulator load current
and capacitance and the relative fall times of the VIN1 and
VIN2 supplies. There are two cases:
1. VOUT falls faster than LDO. The LDO uses control
methods (1) and (2) described in the section Methods
of Control on page 23.
In the case VIN1 = VIN2, the intrinsic operation turns
on both the Buck High-Side MOSFET and the LDO
external Pass MOSFET, and discharges the LDO load
capacitor into the VIN supply.
2. LDO falls faster than VOUT . The switcher uses control
methods (5) and (6) described in the section Methods
of Control on page 23.
Shorted Load
1. VOUT shorted to ground. The LDO uses method (1)
and (2) described in the section Methods of Control on
page 23.
2. LDO shorted to ground. The switcher uses control
methods (5) and (6) described in the section Methods
of Control on page 23.
3. VIN1 shorted to ground. Device is not working.
4. VIN2 shorted to ground with VIN1 and VIN2 different.
This is equivalent to the switcher output shorted to
ground.
5. VOUT shorted to supply. No load protection. 34701 is
protected by current limit and Thermal Shutdown.
6. LDO shorted to supply. No load protection. 34701 is
protected by current limit and Thermal Shutdown.
INVERTED OPERATING MODE
Single 3.3 V Supply, VIN = VIN1 = VIN2 = 3.3 V
The 3.3 V supplies the microprocessor I/O voltage, the
LDO supplies core voltage (e.g., 1.5 V nominal), and the
switcher VOUT operates independently. Power sequencing
depends only on the normal LDO intrinsic operation to control
the Pass MOSFET.
Power-Up
When VIN is rising, initially LDO is below the regulation
point and the Pass MOSFET is on. In order not to exceed the
2.1 V differential requirement between the I/O (VIN) and the
core (LDO), the LDO must start up at 2.1 V or less and be
able to maintain the 2.1 V or less differential. The maximum
slew rate for VIN is 1.0 V/ms.
Power-Down
When VIN is falling, LDO falls below the regulation point;
therefore, the Pass MOSFET is on. In the case where LDO is
falling faster than VIN, the Pass MOSFET attempts to
maintain LDO. In the case where VIN is falling faster than
LDO, the Pass MOSFET is also on, and the LDO load
capacitor is discharged through the Pass MOSFET to VIN.
Thus, provided VIN does not fall too fast, the core voltage
(LDO) does not exceed the I/O voltage (VIN) by more than
maximum of 0.4 V.
Shorted Load
1. LDO shorted to ground. This will cause the I/O voltage
to exceed the core voltage by more than 2.1 V. No load
protection.
2. VIN shorted to ground. Until the LDO load capacitance
is discharged, the core voltage exceeds the I/O voltage
by more than 0.4 V. By the intrinsic operation of the
LDO, the load capacitor is discharged rapidly through
the Pass MOSFET to VIN.
3. LDO shorted to supply. No load protection.
Single 5.0 V Supply, VIN1 = VIN2, or Dual Supply VIN1
≠
VIN2
The switcher VOUT supplies the microprocessor I/O
voltage. The LDO supplies the core (e.g., 1.5 V nominal) (see
Figure 19, page 23).
Power-Up
This condition depends upon the regulator current limit,
load current and capacitance, and the relative rise times of
the VIN1 and VIN2 supplies. There are two cases:
1. VOUT rises faster than LDO. The switcher VOUT uses
control methods (1) and (2) described in the section
Methods of Control on page 23.
2. LDO rises faster than VOUT . The LDO uses control
methods (5) and (6) described in the section Methods
of Control on page 23.
Power-Down
This condition depends upon the regulator load current
and capacitance and the relative fall times of the VIN1 and
VIN2 supplies. There are two cases:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com