Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34701 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
34701
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 28. Data Transfer Example - LDO and Switcher
Voltage Margining
START
Slave Address
Write
First Command for Voltage Margining
Address Field Value Field: LDO
Ack
A6
A4
A0
00
1
0
0
0Ack
00
Ack
001
0
0
1
0
1
S
A5
A3 A2 A1
0
Address Field Value Field: Switcher
V
OUT = Nom. - 5%
STOP
P
Ack
001
1
1
1
0
0
V
LDO = Nom. + 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com