Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34701 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34701
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAM
TIMING DIAGRAM
Figure 4. Definition of Time on the I2C Bus
ELECTRICAL PERFORMANCE CURVES
Figure 5. fOSC vs. Temperature
Figure 6. fOSC vs. Rf
Figure 7. Switcher Efficiency vs. Load Current
Figure 8. Switcher ILim vs. Temperature
tSU-STO
tSU-STA
tSU-DAT
tHD-DAT
tHD-STA
tHD-STA
280
285
290
295
300
-50
0
50
100
Temperature (°C)
280
285
290
295
300
-50
0
50
100
Temperature (°C)
Temperature (C°)
100
150
200
250
300
350
400
450
712
17
22
Rf (kOhm )
Rf (k
Ω)
0
10
20
30
40
50
60
70
80
90
100
00,5
1
1,5
Load Current [A]
Vin=3.3V, Vout=1.2V
Vin=3.3V, Vout=1.8V
Vin=5.0V, Vout=1.2V
Vin=5.0V, Vout=1.8V
2.00
2.20
2.40
2.60
2.80
3.00
-50050
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com