Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4435BZ Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDS4435BZ
Description  -30V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDS4435BZ Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDS4435BZ Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 7.
0
5
10
15
20
25
30
0
2
4
6
8
10
I
D = -8.8A
VDD = -20V
VDD = -10V
Qg, GATE CHARGE(nC)
VDD = -15V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
30
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
-VDS, DRAIN TO SOURCE VOLTAGE (V)
4000
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
1
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
30
20
Unclamped Inductive
Switching Capability
Figure 10.
0
5
10
15
20
25
30
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
TJ = 25oC
TJ = 125oC
VDS = 0V
-VGS, GATE TO SOURCE VOLTAGE(V)
Gate Leakage Current vs Gate to
Source Voltage
Figure 11. Maximum Continuous Drain
Current vs Ambient Temperature
25
50
75
100
125
150
0
2
4
6
8
10
RTJA = 50
o
C/W
VGS = -4.5V
VGS = -10V
T
A
, AMBIENT TEMPERATURE
(
o
C
)
Figure 12.
0.1
1
10
0.01
0.1
1
10
100
100us
SINGLE PULSE
TJ = MAX RATED
RTJA = 125
o
C/W
TA =25oC
THIS AREA IS
LIMITED BY r
DS(on)
80
10s
1ms
10ms
100ms
1s
DC
-VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Typical CharacteristicsT
J = 25°C unless otherwise noted
FDS4435
-30V P-Channel MOSFET
Rev:2023A2
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com