Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
86
Freescale Semiconductor
Thermal
Figure 48. Thermalloy #2328B Heat Sink-to-Ambient Thermal Resistance Versus Airflow Velocity
16.2.4.2 Case 2
Every system application has different conditions that the thermal management solution must solve. As an
alternate example, assume that the air reaching the component is 85
C with an approach velocity of 1
m/sec. For a maximum junction temperature of 105
C at 7 W, the total thermal resistance of junction to
case thermal resistance plus thermal interface material plus heat sink thermal resistance must be less than
2.8
C/W. The value of the junction to case thermal resistance in Table 59 includes the thermal interface
resistance of a thin layer of thermal grease as documented in footnote 4 of the table. Assuming that the
heat sink is flat enough to allow a thin layer of grease or phase change material, then the heat sink must be
less than 2
C/W.
Millennium Electronics (MEI) has tooled a heat sink MTHERM-1051 for this requirement assuming a
compactPCI environment at 1 m/sec and a heat sink height of 12 mm. The MEI solution is illustrated in
Figure 49 and Figure 50. This design has several significant advantages:
•
The heat sink is clipped to a plastic frame attached to the application board with screws or plastic
inserts at the corners away from the primary signal routing areas.
•
The heat sink clip is designed to apply the force holding the heat sink in place directly above the
die at a maximum force of less than 10 lbs.
•
For applications with significant vibration requirements, silicone damping material can be applied
between the heat sink and plastic frame.
1
3
5
7
8
00.511.522.533.5
Thermalloy #2328B Pin-fin Heat Sink
Approach Air Velocity (m/s)
(25
× 28 × 15 mm)
2
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com