Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
17
DDR SDRAM
Table 14 provides the DDR capacitance.
6.2 DDR SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM interface.
6.2.1 DDR SDRAM Input AC Timing Specifications
Table 15 provides the input AC timing specifications for the DDR SDRAM interface.
MVREF input leakage current
IVREF
—100
μA
Notes:
1.GVDD is expected to be within 50 mV of the DRAM GVDD at all times.
2.MVREF is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREF may not exceed ±2% of the DC value.
3.VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected
to be equal to MVREF. This rail should track variations in the DC level of MVREF.
4.VIH can tolerate an overshoot of 1.2V over GVDD for a pulse width of ≤3 ns, and the pulse width cannot be greater
than tMCK. VIL can tolerate an undershoot of 1.2V below GND for a pulse width of ≤3 ns, and the pulse width
cannot be greater than tMCK.
5.Output leakage is measured with all outputs disabled, 0 V
≤ V
OUT ≤ GVDD.
Table 14. DDR SDRAM Capacitance
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS, MSYNC_IN
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1.This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT (peak to peak) = 0.2 V.
Table 15. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.31
V
AC input high voltage
VIH
MVREF + 0.31
GVDD + 0.3
V
MDQS—MDQ/MECC input skew per byte
For DDR = 333 MHz
For DDR
≤ 266 MHz
tDISKEW
-750
-1125
750
1125
ps
1, 2
Note:
1.Maximum possible skew between a data strobe (MDQS[n]) and any corresponding bit of data (MDQ[8n + {0...7}] if
0
≤ n ≤ 7) or ECC (MECC[{0...7}] if n=8).
2.For timing budget analysis, the MPC8540 consumes
±550 ps of the total budget.
Table 13. DDR SDRAM DC Electrical Characteristics
Parameter/Condition
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com