Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540CPX833LB Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
71
Package and Pin Listings
IRQ_OUT
AB21
O
OVDD
2, 4
Ethernet Management Interface
EC_MDC
F1
O
OVDD
5, 9
EC_MDIO
E1
I/O
OVDD
Gigabit Reference Clock
EC_GTX_CLK125
E2
I
LVDD
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_TXD[7:4]
A6, F7, D7, C7
O
LVDD
5, 9
TSEC1_TXD[3:0]
B7, A7, G8, E8
O
LVDD
9, 19
TSEC1_TX_EN
C8
O
LVDD
11
TSEC1_TX_ER
B8
O
LVDD
TSEC1_TX_CLK
C6
I
LVDD
TSEC1_GTX_CLK
B6
O
LVDD
18
TSEC1_CRS
C3
I
LVDD
TSEC1_COL
G7
I
LVDD
TSEC1_RXD[7:0]
D4, B4, D3, D5, B5, A5, F6, E6
I
LVDD
TSEC1_RX_DV
D2
I
LVDD
TSEC1_RX_ER
E5
I
LVDD
TSEC1_RX_CLK
D6
I
LVDD
Three-Speed Ethernet Controller (Gigabit Ethernet 2)
TSEC2_TXD[7:2]
B10, A10, J10, K11,J11, H11
O
LVDD
5, 9
TSEC2_TXD[1:0]
G11, E11
O
LVDD
TSEC2_TX_EN
B11
O
LVDD
11
TSEC2_TX_ER
D11
O
LVDD
TSEC2_TX_CLK
D10
I
LVDD
TSEC2_GTX_CLK
C10
O
LVDD
18
TSEC2_CRS
D9
I
LVDD
TSEC2_COL
F8
I
LVDD
TSEC2_RXD[7:0]
F9, E9, C9, B9, A9, H9, G10, F10
I
LVDD
TSEC2_RX_DV
H8
I
LVDD
TSEC2_RX_ER
A8
I
LVDD
Table 53. MPC8540 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com